Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 30Page - STMicroelectronics TDA7406 Datasheet HTML 31Page - STMicroelectronics TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics TDA7406 Datasheet HTML 37Page - STMicroelectronics TDA7406 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Multipath detector
TDA7406
34/64
7
Multipath detector
7.1
Features:
●
internal 19kHz band-pass filter
●
programmable band-pass- and rectifier-gain
●
selectable internal influence on Stereoblend and/or Highcut
7.2
Multipath detector electrical characteristics
Table 7.
Multipath detector electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fCMP
Center frequency of Multipath-
Bandpass
stereodecoder locked on Pilot
tone
19
kHz
GBPMP
Bandpass Gain
G1
6
dB
G2
12
dB
G3
16
dB
G4
18
dB
GRECTM
P
Rectifier Gain
G1
7.6
dB
G2
4.6
dB
G3
0
dB
ICHMP
Rectifier Charge Current
0.25
0.5
µA
IDISMP
Rectifier Discharge Current
4
mA
Quality Detector
A
Multipath Influence Factor
00
01
10
11
0.70
0.85
1.00
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com