Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 20Page - STMicroelectronics TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics TDA7406 Datasheet HTML 25Page - STMicroelectronics TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics TDA7406 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Description of the audioprocessor part
TDA7406
24/64
cutoff frequencies are not equal but shifted by the factor 1.125 to get a flat frequency
response (see Figure 14).
Figure 14.
Subwoofer Application with Lowpass @ 80/120/160Hz and HighPass @
90/135/180Hz
4.8
Spectrum analyzer
A fully integrated seven band spectrum analyzer with programmable quality factor is present
in the IC (Figure 15).
The spectrum analyzer consists of seven band pass filters with a rectifier and sample
capacitor which stores the maximum peak signal level since the last read cycle. This peak
signal level can be read by a microprocessor at the SAout pin. To allow easy interfacing to a
microprocessor analog port, the output voltage at this pin is referred to device ground.
The microprocessor starts a read cycle when there is a clock edge going negative at the
SAclk input. On the following positive clock edges, the peak signal level for the band pass
filters is subsequently switched to SAout. Each analog output data is valid after the time
tSAdel.
A reset of the sample capacitors is induced whenever SAclk remains high for the time tintres.
Note that a proper reset requires the clock signal SAclk to be held at high potential. Figure 15
shows the block diagram and Figure 16 illustrates the read cycle timing of the spectrum
analyzer.
The spectrum analyzer minimum repeat time is 50ms.
4.8.1
Spectrum Analyzer Filters
Each filter is realized as a switched capacitor with a 2nd order frequency response. The
center frequency of the filter stages are: 62,157, 396, 1K, 2.51K, 6.34k and 16kHz. It is
possible to choose between two different filter quality factors: 1.8 and 3.5.
dB
Hz
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com