Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 16Page - STMicroelectronics TDA7406 Datasheet HTML 17Page - STMicroelectronics TDA7406 Datasheet HTML 18Page - STMicroelectronics TDA7406 Datasheet HTML 19Page - STMicroelectronics TDA7406 Datasheet HTML 20Page - STMicroelectronics TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Description of the audioprocessor part
TDA7406
20/64
4.4
Soft Mute
The digitally controlled Soft Mute stage allows signal muting/demutingwith a programmable
slope. The Mute time is selectable among 4 values: 0.48, 0.96, 123 and 324ms. The mute
process can either be activated by the Soft Mute pin or via the I2C-bus. This slope is realized
in a special S-shaped curve to mute slow in the critical regions (see Figure 7).
For timing purposes the I2C-bus output register (Bit0 = SM read bit) is set to 1 from the start
of muting until the end of de-muting.
Figure 7.
Soft Mute-Timing
Note:
Please notice that a started Mute-action is always terminated and could not be interrupted
by a change of the mute -signal.
4.5
Volume Control
4.5.1
Gain/Attenuation Control
The volume control can range from a gain of 32dB up to an attenuation of 79dB; however it
is not recommended to use a gain higher than 20dB for performance reasons.
4.5.2
Soft Step Volume
When the speaker-level is changed, audible clicks could appear at the output. The root
cause of those clicks could either be a DC offset before the speaker-stage or the sudden
change of the envelope of the audio signal. With the SoftStep-feature both kinds of clicks
could be reduced to a minimum and are no more audible. The blend-time from one step to
the next is programmable with four different values: 320
μs, 1.28ms, 5.12ms and 20.4ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com