Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 55Page - STMicroelectronics TDA7406 Datasheet HTML 56Page - STMicroelectronics TDA7406 Datasheet HTML 57Page - STMicroelectronics TDA7406 Datasheet HTML 58Page - STMicroelectronics TDA7406 Datasheet HTML 59Page - STMicroelectronics TDA7406 Datasheet HTML 60Page - STMicroelectronics TDA7406 Datasheet HTML 61Page - STMicroelectronics TDA7406 Datasheet HTML 62Page - STMicroelectronics TDA7406 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
TDA7406
I2C bus interface
59/64
Table 29.
Stereodecoder Configuration (30)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Multipath Influence on High-Cut
On
Off
0
1
Multipath Influence on Stereo-Blend
On
Off
0
1
1
x
1
x
Level-Input over Multipath-Detector(1)
On
Off
1.
Using the Multipath Time-Constants for Stereo-Bland and High-Cut
0
1
Dual MPX Mode
On
Off
11
11
must be “1”
Table 30.
Testing Stereodecoder(31)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Main Testmode
off
on
0
1
Stereodecoder Testmode
off
on
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Test signals
F228
NB threshold
Level for Stereo-Blend
Pilot magnitude
VHCCL
Pilot threshold
VHCCH
REF5V
HOLDN
NB Peak
AM-Rectifier
VCOCON; VCO Control Voltage
VSBL
Pilot threshold
Level for High-Cut
REF5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com