Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics TDA7406 Datasheet HTML 16Page - STMicroelectronics TDA7406 Datasheet HTML 17Page - STMicroelectronics TDA7406 Datasheet HTML 18Page - STMicroelectronics TDA7406 Datasheet HTML 19Page - STMicroelectronics TDA7406 Datasheet HTML 20Page - STMicroelectronics TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Description of the audioprocessor part
TDA7406
18/64
The root cause of this procedure is, that after muting the stereodecoder (Step 1), the
internal stereodecoder filters have to settle in order to perform a proper offset-cancellation.
4.2.2
AutoZero-Remain
In some cases, for example if the µP is executing a refresh cycle of the IIC-Bus-
programming, it is not useful to start a new AutoZero-action because no new source is
selected and an undesired mute would appear at the outputs. For such applications the
TDA7406 could be switched in the AutoZero-Remain-Mode (Bit 6 of the subaddress-byte).
If this bit is set to high, the DATABYTE 0 could be loaded without invoking the AutoZero and
the old adjustment-value remains.
4.2.3
PAUSE Detector
A pause detector stage with programmable threshold (40/80/160mV) is provided (see data
Byte 14).
The pause detector info is available at the PAUSE pin; a capacitor must be connected
between this pin and GND.
When the incoming signal is detected to be outside the selected window, the external
capacitor is discharged. When the signal is inside the window, the capacitor is integrating
up.
The pause status can be detected in two ways:
a)
reading directly the PAUSE pin level
Pause Off = level low (<3.0V)
Pause On = level high (>3.0V)
b)
by reading the I2C transmitted byte, bit P
P = 1 pause active
P = 0 no pause detected
The external capacitor value fixes the time constant. The pull up current is 25
μA typical.
4.3
Loudness
There are four parameters programmable in the loudness stage:
●
Attenuation: 0 to -19dB attenuation in 1dB steps vs. frequency (see the response at fP
= 400Hz in Figure 4).
●
Peak Frequency: Four programmable peak frequencies: 200,400,600 and 800Hz (see
Figure 5).
●
Filter Order: First or second order frequency response (see Figure 6).
●
Flat mode: Selectable flat-mode. In flat mode the loudness stage works as a 0dB to -
19dB attenuator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com