Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 43Page - STMicroelectronics TDA7406 Datasheet HTML 44Page - STMicroelectronics TDA7406 Datasheet HTML 45Page - STMicroelectronics TDA7406 Datasheet HTML 46Page - STMicroelectronics TDA7406 Datasheet HTML 47Page - STMicroelectronics TDA7406 Datasheet HTML 48Page - STMicroelectronics TDA7406 Datasheet HTML 49Page - STMicroelectronics TDA7406 Datasheet HTML 50Page - STMicroelectronics TDA7406 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
TDA7406
I2C bus interface
47/64
13.3
Data byte specification
The status after Power-On-Reset is marked bold-face / underlined in the programming
tables.
Table 9.
Input Selector (0)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source Selector
CDC/PD
CD
MD
Tape
Phone
Navi
Tuner
TIM
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Input Gain
0dB
1dB
:
14dB
15dB
0
1
Mute
off
on
Table 10.
Loudness (1)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
:
1
:
0
0
:
1
1
:
0
:
0
0
:
1
1
:
0
:
0
0
:
1
1
:
1
:
0
1
:
0
1
:
1
:
Attenuation
0 dB
-1 dB
:
-14 dB
-15 dB
:
-19 dB
not allowed
0
0
1
1
0
1
0
1
Center Frequency
200Hz
400Hz
600Hz
800Hz
0
1
Loudness Order
First Order
Second Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com