Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics TDA7406 Datasheet HTML 37Page - STMicroelectronics TDA7406 Datasheet HTML 38Page - STMicroelectronics TDA7406 Datasheet HTML 39Page - STMicroelectronics TDA7406 Datasheet HTML 40Page - STMicroelectronics TDA7406 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
TDA7406
Functional Description of Stereodecoder
37/64
8.4
De-emphasis and Highcut
The de-emphasis-lowpass allows to choose a time constant between 37.5 and 100µs. The
highcut control range will be 2 x
τ
Deemp or 2.7 x τDeemp dependent on the selected time
constant (see programming section). The bit D7 of the hightcut-byte will shift time constant
and range.
Inside the highcut control range (between VHCH and VHCL) the LEVEL signal is converted
into a 5 bit word which controls the lowpass time constant between
τ
Deemp...3 (3.7) x τDeemp.
Thereby the resolution will remain always 5 bits independently of the absolute voltage range
between the VHCH- and VHCL-values. In addition the maximum attenuation can be fixed
between 2 and 10dB.
The highcut function can be switched off by I2C-bus (bit D7, Highcut byte set to “0”).
The setup of the highcut characteristics is described in Section 8.9.
8.5
PLL and Pilot tone-Detector
The PLL has the task to lock on the 19kHz pilot tone during a stereo-transmission to allow a
correct demodulation. The included pilot tone-detector enables the demodulation if the pilot
tone reaches the selected pilot tone threshold VPTHST. Two different thresholds are
available. The detector output (signal STEREO, see Block diagram) can be checked by
reading the status byte of the TDA7406 via I2C-bus. During a Softmute the PLL can be set
into “Hold”-mode which freezes the PLL's state (bit D4, Softmute byte). After releasing the
Softmute the PLL will again follow the input signal only by correcting the phase error.
8.6
Fieldstrength Control
The fieldstrength input is used to control the highcut- and the stereoblend-function. In
addition the signal can be also used to control the noiseblanker thresholds and as input for
the multipath detector. These additional functions are described in sections 5.3 and 6.
8.7
LEVEL-Input and -Gain
To suppress undesired high frequency modulation on the highcut- and stereoblend-control
signal the LEVEL signal is lowpass filtered firstly. The filter is a combination of a 1.st-order
RC-lowpass at 53kHz (working as anti-aliasing filter) and a 1.st-order switched-capacitor-
lowpass at 2.2kHz. The second stage is a programmable gain stage to adapt the LEVEL
signal internally to different IF-devices (see Testmode section 5: LEVELHCC). The gain is
widely programmable in 16 steps from 0dB to 6dB (step=0.4dB). These 4 bits are located
together with the Roll-Off bits in the “Stereodecoder-Adjustment”-byte to simplify a possible
adjustment during the production of the car radio. This signal controls directly the Highcut
stage whereas the signal is filtered again (fc=100Hz) before the stereoblend stage (see
Figure 26).
8.8
Stereoblend Control
The stereoblend control block converts the internal LEVEL-voltage (LEVELSB) into an
demodulator compatible analog signal which is used to control the channel separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com