Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics TDA7406 Datasheet HTML 25Page - STMicroelectronics TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics TDA7406 Datasheet HTML 28Page - STMicroelectronics TDA7406 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
TDA7406
Description of the audioprocessor part
25/64
Figure 15.
Spectrum analyzer block diagram
Figure 16.
Timing spectrum analyzer
4.9
AC-coupling
In some applications additional signal manipulations are desired. For this purpose an AC-
coupling is placed before the speaker-attenuators, which can be activated or internally
shorted by I²C-Bus. In short condition the input-signal of the speaker-attenuator is available
at the AC-outputs. The input-impedance of this AC-inputs is 50k
Ω. In addition there are Mix
In
inputs available. With this inputs it is possible to mix an external signal to every speaker with
a mixing ratio of 50% (see Figure 17).
The source of front and rear speaker can be set independently. As source is possible to
choose:
–
internal dc coupling (not recommended)
–
external ac coupling using ACIn pins
–
external ac coupling using MixIn pins
–
mixing of ACIn and MixIn pins (mixing ratio: 50%)
If the MixIn pins of the rear speaker are not used this inputs can be used as mixing inputs for
the internal subwoofer filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com