Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 10Page - STMicroelectronics TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics TDA7406 Datasheet HTML 16Page - STMicroelectronics TDA7406 Datasheet HTML 17Page - STMicroelectronics TDA7406 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Audioprocessor part
TDA7406
14/64
fC3
Center Frequency Band 3
fC3
356
396
436
Hz
fC4
Center Frequency Band 4
fC4
0.911.1
kHz
fC5
Center Frequency Band 5
fC5
2.26
2.51
2.76
kHz
fC6
Center Frequency Band 6
fC6
5.70
6.34
6.98
kHz
fC7
Center Frequency Band 7
fC7
14.4
16
17.6
kHz
Q
Quality Factor
Q1
1.62
1.8
1.98
Q2
3.15
3.5
3.85
fSAClk
Clock Frequency
1
100
kHz
tSAdel
Analog Output Delay Time
2
µs
trepeat
Spectrum Analyzer Repeat Time
50
ms
tintres
Internal Reset Time
3
ms
PAUSE DETECTOR
VTH
Zero Crossing Threshold
Window 1
40
mV
Window 2
80
mV
Window 3
160
mV
IDELAY
Pull-Up Current
15
25
35
µA
VTHP
Pause Threshold
3
V
SPEAKER ATTENUATORS
Rin
Input Impedance
35
50
65
k
Ω
GMAX
Max. Gain
14.5
15.5
16.5
dB
AMAX
Max. Attenuation
-83.5
-79.5
-75
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
3
dB
VDC
DC Steps
Adjacent Attenuation Steps
0.5
5
mV
MR
Mixing Ratio
Signal/MixIn
50/50
%
AUDIO OUTPUTS
VCLIP
Clipping Level
Thd=0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
W
VDC
DC Voltage Level
4.3
4.5
4.7
V
Table 4.
Audioprocessor electrical characteristics (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com