Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 5Page - STMicroelectronics TDA7406 Datasheet HTML 6Page - STMicroelectronics TDA7406 Datasheet HTML 7Page - STMicroelectronics TDA7406 Datasheet HTML 8Page - STMicroelectronics TDA7406 Datasheet HTML 9Page - STMicroelectronics TDA7406 Datasheet HTML 10Page - STMicroelectronics TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
TDA7406
Electrical specifications
9/64
2
Electrical specifications
2.1
Supply
2.2
Thermal data
2.3
Absolute maximum ratings
2.4
ESD:
All pins are protected against ESD according to the MIL883 standard.
Table 1.
Supply
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7.5
9
10
V
IS
Supply Current
VS = 9V
42
60
78
mA
SVRR
Ripple Rejection @ 1kHz
Audioprocessor (all Filters flat)
60
dB
Stereodecoder + Audioprocessor
55
dB
Table 2.
Thermal data
Symbol
Description
Value
Unit
Rth j-pins
Thermal Resistance Junction-pins
max
65
°C/W
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
S
Operating Supply Voltage
10.5
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature Range
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com