Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics TDA7406 Datasheet HTML 25Page - STMicroelectronics TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics TDA7406 Datasheet HTML 28Page - STMicroelectronics TDA7406 Datasheet HTML 29Page - STMicroelectronics TDA7406 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Description of the audioprocessor part
TDA7406
26/64
Figure 17.
AC/DC-coupling and MixIn Inputs
4.10
Speaker-Attenuator stage
Each of the four speakers and the subwoofer output has a separate volume control in the
range: +15... -79dB plus mute with a typical value of -90dB.
4.11
Output Mixer
A Mixing-stage is placed after each speaker gain/attenuator stage and can be set
independently to mixing-mode.
Having a full volume control for the Mix-signal in the range:+15... -79dB plus mute with a
typical value of -90dB, the stage offers a wide flexibility to adapt the mixing levels.
Figure 18.
Output Selector
4.12
Audioprocessor Testing
During the Test Mode, which can be activated by setting bit I2 of the subaddress byte and
D0 of the audioprocessor testing byte, several internal signals are available at the Navi pin.
During this mode the input resistance of 100k
Ω is disconnected from the pin. The internal
signals available are shown in the Data-byte specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com