Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 25Page - STMicroelectronics TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics TDA7406 Datasheet HTML 28Page - STMicroelectronics TDA7406 Datasheet HTML 29Page - STMicroelectronics TDA7406 Datasheet HTML 30Page - STMicroelectronics TDA7406 Datasheet HTML 31Page - STMicroelectronics TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
TDA7406
Stereodecoder part
29/64
Notes to the characteristics:
1. Intermodulation Suppression:
; fs = (2 x 10kHz) - 19kHz
; fs = (3 x 13kHz) - 38kHz
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
2. Traffic Radio (V.F.) Suppression:
measured with: 91% stereo signal; 9% pilot signal; fm= 1 kHz; 5% subcarrier (f = 57kHz, fm = 23Hz AM, m = 60%)
3. SCA (Subsidiary Communications Authorization)
; Fs =(2 x 38kHz) - 67kHz
measured with: 81% mono signal; 9% pilot signal; fm = 1kHz; 10%SCA - subcarrier ( fs = 67kHz, unmodulated ).
4. ACI ( Adjacent Channel Interference ):
; Fs = 110kHz - (3 x 38kHz)
; Fs = 186kHz - (5 x 38kHz)
measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal( fs = 110kHz or 186kHz, unmodulated).
Intermodulation (Note 1)
α2f
mod=10kHz, fspur=1kHz
65
dB
α3f
mod=13kHz, fspur=1kHz
75
dB
Traffic Radio (Note 2)
α57
Signal f=57kHz
70
dB
SCA - Subsidiary Communications Authorization (Note 3)
α67
Signal f=67kHz
75
dB
ACI - Adjacent Channel Interference (Note 4)
α114
Signal f=114kHz
95
dB
α190
Signal f=190kHz
84
dB
Table 5.
Stereodecoder electrical characteristics (continued)
VS = 9V, de-emphasis time constant = 50µs, MPX input voltage VMPX = 500mV (75kHz
deviation), modulation frequency = 1kHz, input gain = 6dB, Tamb = 27°C, unless
otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
α2
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------
=
α3
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
----------------------------------------------------
=
α57 V.W > F.
()
V
O signal
() at1kHz
()
V
O spurious
() at1kHz 23kHz
±
()
-----------------------------------------------------------------------
=
α67
V
Osignal
() at1kHz
()
V
O spurious
() at9kHz
()
----------------------------------------------------
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
----------------------------------------------------
=
α190
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com