Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 17Page - STMicroelectronics TDA7406 Datasheet HTML 18Page - STMicroelectronics TDA7406 Datasheet HTML 19Page - STMicroelectronics TDA7406 Datasheet HTML 20Page - STMicroelectronics TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics TDA7406 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
TDA7406
Description of the audioprocessor part
21/64
Figure 8.
SoftStep-Timing for Volume
Note:
For steps more than 0.5dB (Volume) or 1dB (Speaker) the SoftStep mode should be
deactivated because it could generate a hard 1dB step during blending.
4.6
The Seven Band Equalizer
4.6.1
Equalizer Filter
Each filter is realized as a switched capacitor with a 2nd order frequency response.
There are three parameters programmable in the equalizer filter:
Attenuation: ±15dB in 1db step resolution (Figure 9 shows the boost and cut response
as a function of frequency at a center frequency of 1kHz.)
Center Frequency: This parameter is programmable in the filter stages 1(62/100Hz),
6(4/6.34kHz) and 7(15/16kHz). The others bands are fixed at: 157, 396, 1K and 2.5K
Hertz (see Figure 10).
Quality Factors: The four possible quality factors are 1, 1.4, 1.8 and 2.2 (see
Figure 11).
The center frequency, Q, DC-mode and boost/cut can be set fully independently for each
filter. Figure 12 shows the superposition of all equalizer filter curves for different quality
factors.
1dB
0.5dB
-0.5dB
-1dB
SS Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com