Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 8Page - STMicroelectronics TDA7406 Datasheet HTML 9Page - STMicroelectronics TDA7406 Datasheet HTML 10Page - STMicroelectronics TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics TDA7406 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Audioprocessor part
TDA7406
12/64
MIXING CONTROL
MLEVEL Mixing Ratio
Main / Mix-Source
-6/-6
dB
GMAX
Max. Gain
13
15
17
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Attenuation Step
0.5
1
1.5
dB
LOUDNESS CONTROL
ASTEP
Step Resolution
0.5
1
1.5
dB
AMAX
Max. Attenuation
-21
-19
-17
dB
fPeak
Peak Frequency
fP1
180
200
220
Hz
fP2
360
400
440
Hz
fP3
540
600
660
Hz
fP4
720
800
880
Hz
VOLUME CONTROL
GMAX
Max. Gain
30
32
34
dB
AMAX
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0
0.5
1
dB
EA
Attenuation Set Error
G = -20 to +20dB
-0.75
0
+0.75
dB
G = -80 to -20dB
-4
0
3
dB
ET
Tracking Error
2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
Table 4.
Audioprocessor electrical characteristics (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com