Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 28Page - STMicroelectronics TDA7406 Datasheet HTML 29Page - STMicroelectronics TDA7406 Datasheet HTML 30Page - STMicroelectronics TDA7406 Datasheet HTML 31Page - STMicroelectronics TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Noise blanker part
TDA7406
32/64
V
RECT
FS
Fieldstrength
controlled Rectifier
Voltage
meas.with
VMPX=0mV,
VLEVEL<<
VSBL
(fully mono)
11
10
01
00
0.5
0.9
1.7
2.1
0.9 (off)
1.4
1.9
2.4
1.3
1.5
2.3
3.1
V
V
V
V
TSFM
Suppression Pulse Duration FM
Signal HOLDN
in Testmode
00
01
10
11
38
25.5
32
22
µs
µs
µs
µs
TSAM
Suppression Pulse Duration AM
Signal HOLDN
in Testmode
00
01
10
11
1.2
800
1.0
640
ms
µs
ms
µs
VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK
in Testmode
00
01
10
11
0.3
0.8
1.3
2.0
V/ms
SRPEAK
Noise rectifier
charge
Signal PEAK
in Testmode
0
1
10
20
mV/µs
VADJMP
Noise rectifier adjustment
through
Multipath
Signal PEAK
in Testmode
00
01
10
11
0.3
0.5
0.7
0.9
V/ms
RAMIF
AM IF Input resistance
35
50
65
k
Ω
GAMIF,min min. gain AM IF
Signal AM-RECTIFIER in
Testmode
6dB
GAMIF,max max. gain AM IF
20
dB
GAMIF,step step gain AM IF
2
dB
fAMIF,min min. fc AM IF
Signal AM-RECTIFIER in
Testmode
14
kHz
fAMIF,max max. fc AM IF
56
kHz
1.
All thresholds are measured using a pulse with TR = 2 µs, THIGH= 2 µs and TF = 10 µs. The repetition rate must not
increase the PEAK voltage.
Table 6.
Noise blanker electrical characteristics (continued)
All parameters measured in FM mode if not otherwise specified.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Tim e
V
in
T
R
T
HIGH
T
F
V
op
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com