Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 50 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 46Page - STMicroelectronics TDA7406 Datasheet HTML 47Page - STMicroelectronics TDA7406 Datasheet HTML 48Page - STMicroelectronics TDA7406 Datasheet HTML 49Page - STMicroelectronics TDA7406 Datasheet HTML 50Page - STMicroelectronics TDA7406 Datasheet HTML 51Page - STMicroelectronics TDA7406 Datasheet HTML 52Page - STMicroelectronics TDA7406 Datasheet HTML 53Page - STMicroelectronics TDA7406 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
I2C bus interface
TDA7406
50/64
Table 15.
Subwoofer Configuration / Spectrum Analyzer / HighPass (12)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
Subwoofer Filter
off
80Hz
120Hz
160Hz
0
0
1
1
0
1
0
1
Subwoofer Coupling
AC using SWIn pin
AC using MixInR pins
AC using SWIn pin
DC
0
1
Spectrum Analyzer Q-Factor
3.5
1.8
0
1
High Pass Enable
Filter off
Filter on
0
0
1
1
0
1
0
1
High Pass Cut-Off-Frequency
90Hz
135Hz
180Hz
215Hz
Table 16.
Configuration Audioprocessor I (13)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
CDC Input Mode
single ended
pseudo differential
0
1
CDC Input Gain
-6 dB
0 dB
0
1
SoftStep Volume
off
on
0
0
1
1
0
1
0
1
SoftStep Time
320µs
1.28ms
5.12ms
20.4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com