Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics TDA7406 Datasheet HTML 16Page - STMicroelectronics TDA7406 Datasheet HTML 17Page - STMicroelectronics TDA7406 Datasheet HTML 18Page - STMicroelectronics TDA7406 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
TDA7406
Audioprocessor part
15/64
HIGH PASS
fHP
Highpass corner frequency
fHP1
81
90
99
Hz
fHP2
122
135
148
Hz
fHP3
162
180
198
Hz
fHP4
194
215
236
Hz
SUBWOOFER ATTENUATOR
Rin
Input Impedance
35
50
65
k
Ω
GMAX
Max. Gain
14
15
16
dB
AATTN
Max. Attenuation
-83
-79
-75
dB
ASTEP
Step Resolution
0
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
2
dB
VDC
DC Steps
Adjacent Attenuation Steps
1
5
mV
SUBWOOFER Lowpass
fLP
Lowpass corner frequency
fLP1
72
80
88
Hz
fLP2
108
120
132
Hz
fLP3
144
160
176
Hz
GENERAL
eNO
Output Noise
BW = 20Hz - 20kHz
output muted
3
15
µV
BW = 20Hz - 20kHz
all gains = 0dB
single ended inputs
10
20
µV
µV
S/N
Signal to Noise Ratio
all gains = 0dB
flat; VO = 2VRMS
103
dB
All EQ-bands at +12dB; Q = 1.0
a-weighted; VO = 2.6VRMS
87
dB
ddistortion
VIN = 1VRMS; all stages 0dB
0.01
0.1
%
VOUT = 1VRMS; Bass & Treble =
12dB
0.05
0.1
%
SC
Channel Separation left/right
80
90
dB
Table 4.
Audioprocessor electrical characteristics (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com