Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics TDA7406 Datasheet HTML 37Page - STMicroelectronics TDA7406 Datasheet HTML 38Page - STMicroelectronics TDA7406 Datasheet HTML 39Page - STMicroelectronics TDA7406 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Functional Description of Stereodecoder
TDA7406
36/64
Figure 24.
Signals during stereodecoder's SoftMute
Figure 25.
Signal-Control via SoftMute-Pin
8.2
InGain + InFilter
The InGain stage allows to adjust the MPX-signal to an internal magnitude of about 1Vrms
which is the recommended value. The 4.th order input filter has a corner frequency of 80kHz
and is used to attenuate spikes and noise and acts as an anti-aliasing filter for the following
switch capacitor filters.
8.3
Demodulator
In the demodulator block the left and the right channel are separated from the MPX-signal.
In this stage also the 19-kHz pilot tone is cancelled. For reaching a high channel separation
the TDA7406 offers an I2C-bus programmable roll-off adjustment which is able to
compensate the lowpass behavior of the tuner section. If the tuner's attenuation at 38kHz is
in a range from 7.2% to 31.0% the TDA7406 needs no external network in front of the MPX-
pin. Within this range an adjustment to obtain at least 40dB channel separation is possible.
The bits for this adjustment are located together with the fieldstrength adjustment in one
byte. This gives the possibility to perform an optimization step during the production of the
car radio where the channel separation and the fieldstrength control are trimmed. The setup
of the Stereoblend characteristics which is programmable in a wide range is described in
Section 8.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com