Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 9Page - STMicroelectronics TDA7406 Datasheet HTML 10Page - STMicroelectronics TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics TDA7406 Datasheet HTML 16Page - STMicroelectronics TDA7406 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
TDA7406
Audioprocessor part
13/64
SOFT MUTE
AMUTE
Mute Attenuation
80
100
dB
TD
Delay Time
T1
0.48
1
ms
T2
0.96
2
ms
T3
70
123
170
ms
T4
200
324
600
ms
VTH low Low Threshold for SM-Pin
1)
1V
VTH high High Threshold for SM - Pin
2.5
V
RPU
Internal pull-up resistor
32
45
58
k
Ω
VPU
Internal pull-up Voltage
3.3
V
EQUALIZER CONTROL
CRANGE Control Range
+14
+15
+16
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
fC1
Center Frequency Band 1
fC1a
55
62
69
Hz
fC1b
90
100
110
Hz
fC2
Center Frequency Band 2
fC2
141
157
173
Hz
fC3
Center Frequency Band 3
fC3
365
396
437
Hz
fC4
Center Frequency Band 4
fC4
0.911.1
kHz
fC5
Center Frequency Band 5
fC5
2.25
2.51
2.766
kHz
fC6
Center Frequency Band 6
fC6a
3.644.4
kHz
fC6b
5.70
6.34
6.98
kHz
fC7
Center Frequency Band 7
fC7a
13.5
15
16.5
kHz
fC7b
14.4
16
17.6
kHz
Q
Quality Factor
Q1
0.911.1
Q2
1.26
1.4
1.54
Q3
1.62
1.8
1.98
Q4
1.98
2.2
2.44
DCGAIN DC-gain, Band 1
DC = off
-1
0
+1
dB
DC = on, 15dB boost
4
dB
SPECTRUM ANALYZER CONTROL
VSAOut
Output Voltage Range
0
3.3
V
fC1
Center Frequency Band 1
fC1
55
62
69
Hz
fC2
Center Frequency Band 2
fC2
141
157
173
Hz
Table 4.
Audioprocessor electrical characteristics (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com