Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 349 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 349 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 345Page - Cirrus Logic WM8994ECS/R Datasheet HTML 346Page - Cirrus Logic WM8994ECS/R Datasheet HTML 347Page - Cirrus Logic WM8994ECS/R Datasheet HTML 348Page - Cirrus Logic WM8994ECS/R Datasheet HTML 349Page - Cirrus Logic WM8994ECS/R Datasheet HTML 350Page - Cirrus Logic WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 363 page
background image
WM8994
Rev 4.6
349
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
The WM8994 provides 8 analogue audio inputs. Each of these inputs is referenced to the internal DC
reference, VMID. A DC blocking capacitor is required for each input pin used in the target application.
The choice of capacitor is determined by the filter that is formed between that capacitor and the input
impedance of the input pin. The circuit is illustrated in Figure 87.
PGA
VMID
Input
C
R
Fc = high pass 3dB cut-off frequency
Fc =
1
2 RC
p
Figure 87 Audio Input Path DC Blocking Capacitor
If the input impedance is known, and the cut-off frequency is known, then the minimum capacitor
value may be derived easily. However, it can be seen from the representation in Figure 87 that the
input impedance is not fixed in all applications but can vary with gain and boost amplifier settings.
The PGA input resistance for every gain setting is detailed in Table 145.
IN1L_VOL[4:0],
IN2L_VOL[4:0],
IN1R_VOL[4:0],
IN2R_VOL[4:0]
VOLUME
(dB)
INPUT RESISTANCE
(
kΩ)
SINGLE-ENDED
MODE
DIFFERENTIAL
MODE
00000
-16.5
58
52.5
00001
-15.0
56.9
50.6
00010
-13.5
55.6
48.6
00011
-12.0
54.1
46.4
00100
-10.5
52.5
44.1
00101
-9.0
50.7
41.5
00110
-7.5
48.6
38.9
00111
-6.0
46.5
36.2
01000
-4.5
44.1
33.4
01001
-3.0
41.6
30.6
01010
-1.5
38.9
27.8
01011
0
36.2
25.1
01100
+1.5
33.4
22.5
01101
+3.0
30.6
20.0
01110
+4.5
27.8
17.7
01111
+6.0
25.1
15.6
10000
+7.5
22.5
13.6
10001
+9.0
20.1
11.9
10010
+10.5
17.8
10.3
10011
+12.0
15.6
8.9
10100
+13.5
13.7
7.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com