Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 350 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 350 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 346Page - Cirrus Logic WM8994ECS/R Datasheet HTML 347Page - Cirrus Logic WM8994ECS/R Datasheet HTML 348Page - Cirrus Logic WM8994ECS/R Datasheet HTML 349Page - Cirrus Logic WM8994ECS/R Datasheet HTML 350Page - Cirrus Logic WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 363 page
background image
WM8994
350
Rev 4.6
IN1L_VOL[4:0],
IN2L_VOL[4:0],
IN1R_VOL[4:0],
IN2R_VOL[4:0]
VOLUME
(dB)
INPUT RESISTANCE
(
kΩ)
SINGLE-ENDED
MODE
DIFFERENTIAL
MODE
10101
+15.0
11.9
6.5
10110
+16.5
10.3
5.6
10111
+18.0
8.9
4.8
11000
+19.5
7.7
4.1
11001
+21.0
6.6
3.5
11010
+22.5
5.6
2.9
11011
+24.0
4.8
2.5
11100
+25.5
4.1
2.1
11101
+27.0
3.5
1.8
11110
+28.5
2.9
1.5
11111
+30.0
2.5
1.3
Table 145 PGA Input Pin Resistance
The appropriate input capacitor may be selected using the PGA input resistance data provided in
Table 145, depending on the required PGA gain setting(s).
The choice of capacitor for a 20Hz cut-off frequency is shown in Table 146 for a selection of typical
input impedance conditions.
INPUT IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
2k
4
F
15k
0.5
F
30k
0.27
F
60k
0.13
F
Table 146 Audio Input DC Blocking Capacitors
Using the figures in Table 146, it follows that a 1
F capacitance for all input connections will give good
results in most cases. Tantalum electrolytic capacitors are particularly suitable as they offer high
stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the AVDD1 operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential microphone connection, a DC blocking capacitor is required on both input pins.
HEADPHONE OUTPUT PATH
The headphone output on WM8994 is ground referenced and therefore does not require the large,
expensive capacitors necessary for VMID reference solutions. For best audio performance, it is
recommended to connect a zobel network to the audio output pins. This network should comprise of a
100nF capacitor and 20ohm resistor in series with each other
(see “Analogue Outputs” section).
These components have the effect of dampening high frequency oscillations or instabilities that can
arise outside the audio band under certain conditions. Possible sources of these instabilities include
the inductive load of a headphone coil or an active load in the form of an external line amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com