Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 354 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 354 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 350Page - Cirrus Logic WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic WM8994ECS/R Datasheet HTML 358Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 363 page
background image
WM8994
354
Rev 4.6
Digital Mic
DMICDAT1
4.7uF
MICBIAS1
AGND
Digital Mic
DMICCLK
VDD
CLK
DATA
VDD
CLK
DATA
CHAN
CHAN
VDD
Digital
Microphone
Interface
Figure 90 Digital Microphone Connection
The MICBIAS generators are identical output-compensated amplifiers, which require an external capacitor in
order to guarantee accuracy and stability. The recommended capacitance is 4.7
F. A ceramic type is a
suitable choice here, providing that care is taken to choose a component that exhibits this capacitance at the
intended MICBIAS voltage.
The maximum output current is noted in the “Electrical Characteristics”. This limit must be observed
on each MICBIAS output, especially if more than one microphone is connected to a single MICBIAS
pin. The MICBIAS output voltage can be adjusted using register control to suit the requirements of the
microphone.
CLASS D SPEAKER CONNECTIONS
The WM8994 incorporates two Class D/AB 1W speaker drivers. By default, the speaker drivers
operate in Class D mode, which offers high amplifier efficiency at large signal levels. As the Class D
output is a pulse width modulated signal, the choice of speakers and tracking of signals is critical for
ensuring good performance and reducing EMI in this mode.
The efficiency of the speaker drivers is affected by the series resistance between the WM8994 and
the speaker (e.g. PCB track loss and inductor ESR) as shown in Figure 91. This resistance should be
as low as possible to maximise efficiency.
GND
Losses due to resistance between WM8994 and speaker (e.g. inductor ESR)
This resistance must be minimised in order to maximise efficiency.
Switching
Losses
Class D
output
SPKVDD
SPKVDD/2
Figure 91 Speaker Connection Losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com