Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 355 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 355 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic WM8994ECS/R Datasheet HTML 358Page - Cirrus Logic WM8994ECS/R Datasheet HTML 359Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 363 page
background image
WM8994
Rev 4.6
355
The Class D output requires external filtering in order to recreate the audio signal. This may be
implemented using a 2nd order LC or 1st order RC filter, or else may be achieved by using a
loudspeaker whose internal inductance provides the required filter response. An LC or RC filter should
be used if the loudspeaker characteristics are unknown or unsuitable, or if the length of the
loudspeaker connection is likely to lead to EMI problems.
In applications where it is necessary to provide Class D filter components, a 2nd order LC filter is the
recommended solution as it provides more attenuation at higher frequencies and minimises power
dissipated in the filter when compared to a first order RC filter (lower ESR). This maximises both
rejection of unwanted switching frequencies and overall speaker efficiency. A suitable implementation
is illustrated in Figure 92.
WM8994
C = 3
F
L = 22
H
SPKP
SPKN
Fc = low pass 3dB
cut-off frequency
Fc =
1
2
p LC
Figure 92 Class D Output Filter Components
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as
shown in Figure 93. This circuit provides a low pass filter for the speaker output. If the loudspeaker
characteristics are suitable, then the loudspeaker itself can be used in place of the filter components
described earlier. This is known as ‘filterless’ operation.
Fc =
R
2
p L
WM8994
R
L
SPKP
SPKN
Fc = low pass 3dB cut-off frequency
Figure 93 Speaker Equivalent Circuit for Filterless Operation
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8
Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
L =
=
= 64
H
R
2
p Fc
8
2
p * 20kHz
8
 loudspeakers typically have an inductance in the range 20H to 100H, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency). Care should be taken to ensure that
the cut-
off frequency of the loudspeaker’s filtering is low enough to suppress the high frequency
energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D outputs of
the WM8994 operate at much higher frequencies than is recommended for most speakers and it must
be ensured that the cut-off frequency is low enough to protect the speaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com