Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 356 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 356 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic WM8994ECS/R Datasheet HTML 358Page - Cirrus Logic WM8994ECS/R Datasheet HTML 359Page - Cirrus Logic WM8994ECS/R Datasheet HTML 360Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 363 page
background image
WM8994
356
Rev 4.6
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
Figure 94 provides a summary of recommended external components for WM8994. Note that this
diagram does not include any components that are specific to the end application e.g. it does not
include filtering on the speaker outputs (assume filterless class D operation), RF decoupling, or RF
filtering for pins which connect to the external world i.e. headphone or speaker outputs.
WM8994
AVDD1
AGND
DCVDD
CPVDD
AVDD2
SPKVDD1/2
DGND
CPGND
SPKGND1/2
MCLK1
DACDAT1
LRCLK1
BCLK1
ADCDAT1
SDA
SCLK
IN1LP
IN1RP
IN2LN/DMICDAT1
IN2LP/VRXN
IN1RN
IN1LN
IN2RP/VRXP
IN2RN/DMICDAT2
MICBIAS1
VMIDC
MICBIAS2
HPOUT2N
HPOUT2P
HPOUT1L
HPOUT1FB
HPOUT1R
LINEOUT1N
LINEOUT2P
LINEOUT2N
LINEOUT1P
LINEOUTFB
SPKOUTLN
SPKOUTRP
SPKOUTRN
SPKOUTLP
CPCA
CPVOUTP
CPVOUTN
CPCB
2.2
F
2.2
F
2.2
F
Loudspeaker
Earpiece
Speaker
4.7
F
MICBIAS1
Headset
1
F
1
F
1
F
1
F
1
F
4.7
F
0.1
F
4.7
F
4.7
F
Vbat
1.8V
Audio Interface 1
Control Interface
1
F
1
F
1
F
1
F
0.1
F
0.1
F
SPKMODE
Loudspeaker
3.0V (from internal LDO)
1.0V (from internal LDO)
GPIO2/MCLK2
Master Clocks
ADCLRCLK1/GPIO1
GPIO5/DACDAT2
GPIO4/LRCLK2
GPIO3/BCLK2
GPIO7ADCDAT2
Audio Interface 2
GPIO6/ADCLRCLK2
GPIO8/DACDAT3
GPIO10/LRCLK3
GPIO11/BCLK3
GPIO9/ADCDAT3
Audio Interface 3
CS/ADDR
LDO1ENA
LDO2ENA
LDO Control
VREFC
1
F
DMICCLK
Digital MIC clock
HP2GND
LDO1VDD
REFGND
0.1
F
DBVDD
LDO2VDD
1
F
MICBIAS2
1
F
1
F
1
F
1
F
Analogue Audio
(Mic / Line) Inputs
4.7
F
CIFMODE
Note that the optimum input capacitance will vary
according to the required frequency response and the
applicable input impedance.
Note that input capacitors are not required for
connection to Digital Microphone (DMIC) components.
Line Outputs (can be configured as
Differential pairs or Stereo pairs).
Note that the optimum output
capacitance will vary according to
the required frequency response.
The ground feedback connection to
LINEOUTFB is optional.
(Note: HPOUT1FB ground
connection close to headset jack)
Speaker Mode Select
4.7
F
4.7
F
20
20
Figure 94 Recommended External Components Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com