Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 360 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 360 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic WM8994ECS/R Datasheet HTML 358Page - Cirrus Logic WM8994ECS/R Datasheet HTML 359Page - Cirrus Logic WM8994ECS/R Datasheet HTML 360Page - Cirrus Logic WM8994ECS/R Datasheet HTML 361Page - Cirrus Logic WM8994ECS/R Datasheet HTML 362Page - Cirrus Logic WM8994ECS/R Datasheet HTML 363Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 360 / 363 page
background image
WM8994
360
Rev 4.6
PCB LAYOUT CONSIDERATIONS
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. All external components should be placed as close to the WM8994
device as possible, with current loop areas kept as small as possible. Specific factors relating to Class
D loudspeaker connection are detailed below.
CLASS D LOUDSPEAKER CONNECTION
Long, exposed PCB tracks or connection wires will emit EMI. The distance between the WM8994 and
the loudspeaker should therefore be kept as short as possible. Where speakers are connected to the
PCB via a cable form, it is recommended that a shielded twisted pair cable is used. The shield should
be connected to the main system, with care taken to ensure ground loops are avoided.
Further reduction in EMI can be achieved using PCB ground (or VDD) planes and also by using
passive LC components to filter the Class D switching waveform. When passive filtering is used, low
ESR components should be chosen in order to minimise the series resistance between the WM8994
and the speaker, maximising the power efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads can also be used. These should be positioned
as close to the device as possible.
These techniques for EMI reduction are illustrated in Figure 100.
WM8994
SPKP
SPKN
EMI
WM8994
SPKP
SPKN
WM8994
SPKP
SPKN
LOW ESR
LOW ESR
WM8994
SPKP
SPKN
WM8994
SPKP
SPKN
Long, exposed tracks emit EMI
Short connection wires will reduce EMI emission
Shielding using PCB ground (or VDD) planes
will reduce EMI emission
LC filtering will reduce EMI emission
up to around 30MHz
Ferrite beads will reduce EMI emission
at frequencies above 30MHz.
Figure 100 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com