Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 363 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 363 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic WM8994ECS/R Datasheet HTML 358Page - Cirrus Logic WM8994ECS/R Datasheet HTML 359Page - Cirrus Logic WM8994ECS/R Datasheet HTML 360Page - Cirrus Logic WM8994ECS/R Datasheet HTML 361Page - Cirrus Logic WM8994ECS/R Datasheet HTML 362Page - Cirrus Logic WM8994ECS/R Datasheet HTML 363Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 363 / 363 page
background image
WM8994
Rev 4.6
363
REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
CHANGED BY
16/11/10
3.5
DRC Signal Detect registers DRC_SIG_DET_RMS, DRC_SIG_DET_PK and
DRC_SIG_DET_MODE updated.
Additional details provided on pull-up / pull-down functions.
Added notes that the Output Path HPF should be enabled when DRC is used on a
record (ADC) path.
Noted that DRC Anti-Clip and Quick Release features should not be used at the
same time.
PH
4/01/11
3.5
Speaker driver performance graphs added.
SPKAB_REF_S
EL added to ‘Registers By Address’ section.
VMID soft-start descriptions updated, including requirement to reset soft-start
circuit before re-enabling VMID.
Added note that LDOs are not suitable for external loads.
Noted RF suppression on analogue inputs.
Pin description list re-sorted by Name, in order to draw attention to any multiple
pins with a common name.
Updates noting that Ultrasonic (4FS) mode uses ADCLRCLK (not LRCLK).
GPIO1/GPIO6 must be configured for AIF1/AIF2 respectively.
Input Path drawing updated, showing VMID as PGA reference.
PH
8/02/11
3.5
2W Stereo (into 4ohms) now specified.
Applications Information (MICBIAS) enhanced to incorporate Digital Microphone
connections.
Interrupts section updated to improve clarity.
PH
14/02/11
3.5
Updated speaker inductive load in electrical characteristics to 22uH.
KOL
24/02/11
4.0
Product Status updated to Production Data
Updated bypass path speaker load in electrical characteristics to include 22uH
inductor.
Updated mic detect threshold tolerance in electrical characteristics.
Updated DMICCLK I/O voltage threshold test conditions.
KOL
18/05/11
4.1
Notes added requiring VMID_BUF_ENA is enabled for direct signal paths from
input pins to Input Mixers, Output Mixers or Speaker Mixers. Descriptions of
affected register bits updated.
Ultrasonic (4FS) mode deleted on AIF2.
Clarification of MICBIAS external component requirements.
PH
26/09/11
4.2
Pin descriptions updated (power domain information)
Clarification of DAC_OSR128 modes in DAC playback path Electrical
Characteristics.
Input PGA Mute behaviour description updated.
Updates to FLL Input Frequency range.
Minimum headphone load resistance updated.
Clarifications and formatting updates to Electrical Characteristics and
Recommended Operating Conditions.
Note
d phase inversion in ‘Direct Voice’ paths.
Clarification to the usage of the INPUTS_CLAMP register.
PH
21/10/11
4.3
PSRR specifications added for LDO1 and LDO2.
Drop-out voltage specification added for LDO1.
TSHUT_ENA default corrected in Power Management section (default is 1).
PH
24/11/11
4.3
Specifications added for LINEOUTFB and HPOUT1FB ground noise rejection.
PH
19/03/12
4.4
Additional details in Absolute Maximum Ratings.
Clarification of Line Output discharge functions and associated Electrical
Characteristics.
PH
11/11/16
4.5
Package Drawing updated to DM 68.D
PH
04/07/18
4.6
Package Drawing updated to POD 00130.A
PH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com