Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 353 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 353 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 349Page - Cirrus Logic WM8994ECS/R Datasheet HTML 350Page - Cirrus Logic WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic WM8994ECS/R Datasheet HTML 356Page - Cirrus Logic WM8994ECS/R Datasheet HTML 357Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 363 page
background image
WM8994
Rev 4.6
353
CHARGE PUMP COMPONENTS
A fly-back capacitor is required between the CPCA and CPCB pins. The required capacitance is
2.2µF at 2V.
A decoupling capacitor is required on CPVOUTP and CPVOUTN; the recommended value is 2.2µF at
2V.
The positioning of the Charge Pump capacitors is important, particularly the fly-back capacitor. These
capacitors should be placed as close as possible to the WM8994.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most applications, the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
MICROPHONE BIAS CIRCUIT
The WM8994 is designed to interface easily with up to four analogue microphones. These may be
connected in single-ended or differential configurations, as illustrated in Figure 89. The single-ended
method allows greater capability for the connection of multiple audio sources simultaneously, whilst
the differential method provides better performance due to its rejection of common-mode noise.
In either configuration, the microphone requires a bias current (electret condenser microphones) or voltage
supply (silicon microphones), which can be provided by MICBIAS1 or MICBIAS2.
A current-limiting resistor is also required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM8994 is not exceeded. Cirrus Logic
recommends a 2.2k
 current limiting resistor as it provides compatibility with a wide range of
microphone models.
MIC
To
input
mixers
PGA
Line Input
VMID
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MICBIAS1/2
C
2k2
4.7uF
AGND
MIC
To
input
mixers
PGA
Line Input
VMID
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MICBIAS1/2
C
2k2
C
4.7uF
AGND
2k2
Figure 89 Single-Ended and Differential Analogue Microphone Connections
The WM8994 also supports up to four digital microphone inputs. The MICBIAS1 generator is suitable
for use as a low noise supply for digital microphones, as shown in Figure 90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com