Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994ECS/R Datasheet(PDF) 351 Page - Cirrus Logic

Part # WM8994ECS/R
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8994ECS/R Datasheet(HTML) 351 Page - Cirrus Logic

Back Button WM8994ECS/R Datasheet HTML 347Page - Cirrus Logic WM8994ECS/R Datasheet HTML 348Page - Cirrus Logic WM8994ECS/R Datasheet HTML 349Page - Cirrus Logic WM8994ECS/R Datasheet HTML 350Page - Cirrus Logic WM8994ECS/R Datasheet HTML 351Page - Cirrus Logic WM8994ECS/R Datasheet HTML 352Page - Cirrus Logic WM8994ECS/R Datasheet HTML 353Page - Cirrus Logic WM8994ECS/R Datasheet HTML 354Page - Cirrus Logic WM8994ECS/R Datasheet HTML 355Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 363 page
background image
WM8994
Rev 4.6
351
EARPIECE DRIVER OUTPUT PATH
The earpiece driver on HPOUT2P and HPOUT2N is designed as a 32ohm BTL speaker driver. The
outputs are referenced to the internal DC reference VMID, but direct connection to the speaker is
possible because of the BTL configuration. There is no requirement for DC blocking capacitors.
LINE OUTPUT PATHS
The WM8994 provides four line outputs (LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N).
Each of these outputs is referenced to the internal DC reference, VMID. In any case where a line
output is used in a single-ended configuration (i.e. referenced to AGND), a DC blocking capacitor will
be required in order to remove the DC bias. In the case where a pair of line outputs is configured as a
BTL differential pair, then the DC blocking capacitor should be omitted.
The choice of capacitor is determined from the filter that is formed between the capacitor and the load
impedance
– see Figure 88.
Fc = high pass 3dB cut-off frequency
Output
C
R
Fc =
1
2
p RC
Figure 88 Line Output Path Components
LOAD IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
10k
0.8
F
47k
0.17
F
Table 147 Line Output Frequency Cut-Off
Using the figures in Table 147, it follows that that a 1
F capacitance would be a suitable choice for a
line load. Tantalum electrolytic capacitors are again particularly suitable but ceramic equivalents are a
cost effective alternative. Care must be taken to ensure the desired capacitance is maintained at the
appropriate operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com