Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 29 of 43
Feb 28, 2025
Refer to Figure 57 for the selection of RBLANK resistor and
tMINON time. A 5kΩ resistor is recommended as the minimum
RBLANK resistor.
Operation Initialization and Soft-Start
Before converter initialization, the EN pin voltage must be higher
than its rising threshold and the PVCC/VCC pin must be higher
than the rising POR threshold. When these conditions are met, the
controller begins initialization and soft-start. Figure 58 shows the
ISL78227 internal start-up timing diagram from the power-up to
soft-start.
Assuming input voltage is applied to the VIN pin before t1 and VCC
is connected to PVCC, as shown on Figure 58, the descriptions for
start-up procedures are described as follows:
t1 - t2: The enable comparator holds the ISL78227 in shutdown
until the VEN rises above 1.2V (typical) at the time of t1. During
t1 - t2, VPVCC/VCC gradually increases and reaches the internal
Power-On Reset (POR) rising threshold 4.5V (typical) at t2.
t2 - t3: During t2 - t3, the ISL78227 self-calibrates to detect
certain pin configurations (HIC/LATCH, DE/PHDRP,
ATRK/DTRAK) to latch in the selected operation modes. The time
duration for t2 - t3 is typically 195µs.
t3 - t4: During this period, the ISL78227 waits until the internal
PLL circuits are locked to the preset oscillator frequency. When
PLL locking is achieved at t4, the oscillator generates output at
the CLK_OUT pin. The time duration for t3 - t4 depends on the
PLLCOMP pin configuration. The PLL is compensated with a
series resistor-capacitor (RPLL and CPLL1) from the PLLCOMP pin
to GND and a capacitor (CPLL2) from PLLCOMP to GND. At the
300kHz switching frequency, typical values are RPLL = 3.24kΩ,
CPLL1 = 6.8nF, and CPLL2 = 1nF. With this PLLCOMP
compensation, the time duration for t3 - t4 is around 0.7ms.
t4 - t5: During this period, the PLL locks the frequency t4 and the
system prepares to soft-start. The ISL78227 has one unique
feature to pre-bias the SS pin voltage to be equal to VFB during
t4 - t5, which is around 50µs.
t5 - t6: At t5, the soft-start ramps up at the SS pin (VSSPIN) and
the COMP voltage starts to ramp up as well. Drivers are enabled
but not switching during t5 - t6 because the COMP is still below
the current sense ramp offset. The device operates in diode
emulation mode during soft-start period t5 - t8. The slew rate of
the SS ramp and the duration of t5 - t8 are determined by the
capacitor used at the SS pin.
t6 - t7: At t6, COMP is above the current sense ramp offset and
the drivers start switching. Output voltage ramps up while FB
voltage is following SS ramp during this soft-start period. At t7,
output voltage reaches the regulation level and FB voltage
reaches VREF_1.6V.
t7 - t8: At this stage, SS continues ramping up until it reaches the
SS clamp voltage (VSSPCLAMP) 3.47V at t8, indicating the SS pin
ramp-up is completed. At t8, the ISL78227 generates an internal
SS_DONE signal, which goes HIGH when both VSSPIN =
VSSPCLAMP (3.47V) and VREF_TRK ≥ 0.3V (as shown in Figure 3
on page 7). This indicates the soft-start has completed.
t8 - t9: After t8, a delay time of either 0.5ms or 100ms is inserted
before the PGOOD pin is released HIGH at t9, depending on the
selected mode (refer to Table 2 on page 33).
1. If the DE/PHDRP pin = VCC or FLOAT to have DE mode
selected, the PGOOD rising delay from VSSPIN = VSSPCLAMP
(3.47V) and VREF_TRK ≥0.3V to PGOOD rising is 0.5ms.
2. If the DE/PHDRP pin = GND to have CCM mode selected, the
PGOOD rising delay from VSSPIN = VSSPCLAMP (3.47V) and
VREF_TRK ≥0.3V to PGOOD rising is 100ms, during which
period the device is transitioning from DE mode to CCM mode.
The high-side gate UGx is controlled to gradually increase the
ON-time to finally merge with CCM ON-time. This synchronous
MOSFET “soft-ON” feature is unique and ensures smooth
transition from DCM mode to CCM mode after soft-start
completes. More importantly, this “SYNC FET soft-ON”
function eliminates the large negative current, which often
FIGURE 57. tMINON vs RBLANK
0
50
100
150
200
250
300
350
400
450
500
5
10
1520253035
4045
505560
6570
RBLANK (k)
FIGURE 58. CIRCUIT INITIALIZATION AND SOFT-START
EN
1.2V
POR_R
PVCC/VCC
PLLCOMP
CLKOUT
LG
UG
COMP
COMP_Ramp_Offset
VFB
SS
t1 t2 t3
t4t5 t6
t7
t8 t9
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com