Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 16 of 43
Feb 28, 2025
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C.
FIGURE 5. EFFICIENCY vs LOAD, 2-PHASE BOOST, 3 MODES
OPERATION, fSW = 200kHz, VIN = 12V, VOUT = 36V,
TA = +25°C
FIGURE 6. EN INTO PRE-BIASED OUTPUT, CCM MODE
(DE/PHDRP = GND), IOUT = 0A
FIGURE 7. EN ON AND INITIALIZATION TO START-UP, IOUT = 0A
FIGURE 8. SOFT-START, CCM MODE (DE/PHDRP = GND), IOUT = 8A
FIGURE 9. EN ON AND INITIALIZATION TO START-UP, IOUT = 0A
FIGURE 10. SOFT-START, DE+PHDROP MODE (DE/PHDRP = FLOAT),
IOUT = 8A
NOTE: (See Typical Application in Figure 4 on page 8.)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
100.00
LOAD CURRENT (A)
DE WITH PHASE DROP
DE WITHOUT PHASE DROP
CCM
SS 3.0V/DIV
IL1 5.0A/DIV
VOUT 1.0V/DIV WITH 36V OFFSET
PH1 30.0V/DIV
10ms/DIV
PLLCOMP 500mV/DIV
PVCC 2.0V/DIV
SS 700mV/DIV
PH1 30.0V/DIV
500µs/DIV
20ms/DIV
SS 3.0V/DIV
PGOOD 5.0V/DIV
VOUT 20.0V/DIV
PH1 30.0V/DIV
CLKOUT 5.0V/DIV
PVCC 2.0V/DIV
PLLCOMP 500mV/DIV
SS 2.0V/DIV
200µs/DIV
SS 3.0V/DIV
PGOOD 5.0V/DIV
VOUT 20.0V/DIV
PH1 30.0V/DIV
5ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com