Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp FN8808 Datasheet HTML 10Page - Renesas Technology Corp FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 12 of 43
Feb 28, 2025
Duty Cycle Matching
VRSENx = 30mV, RSETx = 665Ω (0.1%),
RSLOPE = 27k, fSW = 150kHz,
VCOMP = 2.52V, Measure
(Ton_lg2 - Ton_lg1)/(Ton_lg2 + Ton_lg1) *2
3
%
CURRENT SENSE AMPLIFIER
Minimum ISENxN and ISENxP
Common-Mode Voltage Range
Accuracy becomes worse when lower
than 4V
4
V
Maximum ISENxN and ISENxP
Common-Mode Voltage Range
55
V
Maximum Input Differential Voltage Range
VISENxP -
VISENxN
±0.3
V
ISENxP/ISENxN Bias Current
ISENxP/N_BIAS
Sourcing out of pin, EN = 5V,
VISENxN = VISENxP, VCM = 4V to 55V
100
123
150
µA
ZCD DETECTION - CSA
Zero Crossing Detection (ZCD) Threshold
VZCD_CSA
Measures voltage threshold before RSENat
CSA inputs (equivalent to the voltage
across the current sense shunt resistor),
RSET = 665Ω (0.1%)
-4.0
1.3
6.0
mV
PHASE DROPPING
VIMON Phase-Drop Falling Threshold, to Drop
Phase 2
VPHDRP_TH_F
When VIMON falls below VPHDRP_TH_F,
drop off Phase 2
1.0
1.1
1.2
V
VIMON Phase-Add Rising Threshold, to Add
Phase 2
VPHADD_TH_R
When VIMON rise above VPHADD_TH_R,
add back Phase 2
1.05
1.15
1.25
V
VIMON Phase-Drop Threshold Hysteresis
VPHDRP_HYS
When VIMON<VPHDRP_TH_F - VPHDrop_HYS,
add back Phase 2
45
50
55
mV
PEAK OVERCURRENT CYCLE-BY-CYCLE LIMITNG (OC1)
Peak Current Cycle-by-Cycle Limit Threshold
for Individual Phase
VOC1
Cycle-by-cycle current limit threshold
(IOC1_TH = 80µA, compared with ISENx).
Measures the voltage threshold before
RSETx at CSA Inputs (equivalent to the
voltage across the current sense shunt
resistor), RSETx = 665Ω (0.1%)
40
53
65
mV
Peak Current Cycle-by-Cycle Limit Trip Delay
CLG = OPEN, from the time VOC1 tripped to
LG falling
50
ns
PEAK OVERCURRENT FAULT PROTECTION OC2_PEAK, (Refer to “Peak Overcurrent Fault (OC2_PEAK) Protection” on page 35 for details)
Peak Current Fault Protection Threshold for
Individual Phase
VOC2
Peak current hiccup protection threshold
(IOC2_TH = 105µA, compared with ISENx).
Measures the voltage threshold before
RSETx at CSA Inputs (equivalent to the
voltage across the current sense shunt
resistor), RSETx = 665Ω (0.1%)
55
70
85
mV
OC2_PEAK Trip Blanking Time
3
cycles
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com