Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp FN8808 Datasheet HTML 36Page - Renesas Technology Corp FN8808 Datasheet HTML 37Page - Renesas Technology Corp FN8808 Datasheet HTML 38Page - Renesas Technology Corp FN8808 Datasheet HTML 39Page - Renesas Technology Corp FN8808 Datasheet HTML 40Page - Renesas Technology Corp FN8808 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 37 of 43
Feb 28, 2025
With an external PNP transistor as shown in Figure 63, the power
dissipation of the internal LDO can be moved from the ISL78227
to the external transistor. Set RS to 68Ω so that the LDO delivers
about 10mA when the external transistor begins to turn on. The
external circuit increases the minimum input voltage to
approximately 6.5V.
Application Information
There are several ways to define the external components and
parameters of boost regulators. This section shows one example
of how to decide the parameters of the external components
based on the typical application schematics as shown in Figure 4
on page 8. In the actual application, the parameters may need to
be adjusted and additional components may be needed for the
specific applications regarding noise, physical sizes, thermal,
testing, and/or other requirements.
Output Voltage Setting
The Output Voltage (VOUT) of the regulator can be programmed
by an external resistor divider connecting from VOUT to FB and FB
to GND as shown in Figure 4 on page 8. Use Equation 2 on
page 25 to calculate the desired VOUT, where VREF can be either
VREF_1.6V or VREF_TRK, whichever is lower. In the actual
application, the resistor value should be decided by considering
the quiescent current requirement and loop response. Typically,
between 4.7kΩ to 20kΩ is used for the RFB1.
Switching Frequency
Switching frequency is determined by requirements of transient
response time, solution size, EMC/EMI, power dissipation and
efficiency, ripple noise level, input, and output voltage range.
Higher frequency may improve the transient response and help
to reduce the solution size. However, this may increase the
switching losses and EMC/EMI concerns. Thus, a balance of
these parameters is needed when deciding the switching
frequency.
When the switching frequency fSW is decided, the frequency
setting resistor RFSYNC can be determined by Equation 6 on
page 27.
Input Inductor Selection
While the boost converter is operating in steady state Continuous
Conduction Mode (CCM), the output voltage is determined by
Equation 1 on page 24. With the required input and output voltage,
duty cycle D can be calculated by Equation 25:
where D is the on-duty of the boost low-side power transistor.
Under this CCM condition, the inductor peak-to-peak ripple
current of each phase can be calculated using Equation 26:
where T is the switching cycle 1/fSW and L is each phase
inductor’s inductance.
From the previous equations, the inductor value is determined
using Equation 27:
Use Equation 27 to calculate L, where values of VIN, VOUT and
IL(P-P) are based on the considerations described in following:
• One method is to select the minimum input voltage and the
maximum output voltage under long term operation as the
conditions to select the inductor. In this case, the inductor DC
current is the largest.
• The general rule to select the inductor is to have its ripple
current IL(P-P) around 30% to 50% of maximum DC current.
The individual maximum DC inductor current for the 2-phase
boost converter can be calculated using Equation 28, where
POUTmax is the maximum DC output power, and EFF is the
estimated efficiency:
Using Equation 27 with the two conditions listed above, a
reasonable starting point for the minimum inductor value can be
estimated from Equation 29, where K is typically selected as
30%.
Increasing the value of the inductor reduces the ripple current
and therefore, the ripple voltage. However, the large inductance
value may reduce the converter’s response time to a load
transient. This also reduces the current sense ramp signal and
may cause a noise sensitivity issue.
The peak current at maximum load condition must be lower than
the saturation current rating of the inductor with enough margin.
In the actual design, the largest peak current may be observed at
some transient conditions like the start-up or heavy load
transient. Therefore, the inductor’s size needs to be determined
with the consideration of these conditions. To avoid exceeding
the inductor’s saturation rating, OC1 peak current limiting (refer
to “Peak Current Cycle-by-Cycle Limiting (OC1)” on page 35) should
be selected below the inductor’s saturation current rating.
FIGURE 63. SUPPLEMENTING LDO CURRENT
VIN
PVCC
VIN
PVCC
ISL78227
RS
(EQ. 25)
D
1
VIN
VOUT
----------------
–
=
IL P-P
D T VIN
L
----------
 
=
(EQ. 26)
L
1
VIN
VOUT
----------------
–
VIN
IL P-P
 f
SW
---------------------------------
=
(EQ. 27)
ILmax
POUTmax
VINmin EFF 2
--------------------------------------------
=
(EQ. 28)
Lmin
1
VINmin
VOUTmax
---------------------------
–
VINmin
2
EFF 2
POUTmax K fSW
 
---------------------------------------------------
=
(EQ. 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com