Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp FN8808 Datasheet HTML 36Page - Renesas Technology Corp FN8808 Datasheet HTML 37Page - Renesas Technology Corp FN8808 Datasheet HTML 38Page - Renesas Technology Corp FN8808 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 35 of 43
Feb 28, 2025
When the output voltage rises back above the VOUT_UV
threshold of 80% * VREF_1.6V plus 4% hysteresis, PGOOD is
released to be pulled high after a 0.5ms delay.
Equivalently, the VOUT undervoltage threshold is set at the same
percentage of VOUT target voltage VOUT_TARGET (set by
VREF_1.6V) because the device uses the same FB voltage to
regulate the output voltage with the same resistor divider
between VOUT and the FB pin (refer to Equation 2 on page 25).
Therefore, the VOUT undervoltage threshold is set at 80% of
VOUT_TARGET. According to Equation 2 on page 25, the VOUT
undervoltage protection threshold can be calculated using
Equation 19.
OVERCURRENT LIMITING AND FAULT PROTECTION
The ISL78227 has multiple levels of overcurrent
protection/limiting. Each phase’s peak inductor current is
protected from overcurrent conditions by limiting its peak
current. The combined total current is protected on an average
basis. Also, each phase is implemented with instantaneous,
cycle-by-cycle negative current limiting (OC_NEG_TH = -48µA).
Peak Current Cycle-by-Cycle Limiting (OC1)
Each individual phase’s inductor peak current is protected with
cycle-by-cycle peak current limiting (OC1) without triggering
Hiccup or Latch-off shutdown of the IC. The controller
continuously compares the CSA output current sense signal,
ISENx (calculated by Equation 11 on page 31) to an overcurrent
limiting threshold (OC1_TH = 80µA) in every cycle. When ISENx
reaches 80µA, the respective phase’s LGx is turned off to stop
inductor current further ramping up. In such a way, peak current
cycle-by-cycle limiting is achieved.
The equivalent cycle-by-cycle peak inductor current limiting for
OC1 can be calculated using Equation 20:
Negative Current Cycle-by-Cycle Limiting (OC_NEG)
Each individual phase’s inductor current is protected with
cycle-by-cycle negative current limiting (OC_NEG) without
triggering Hiccup or Latch-off shutdown of the IC. The controller
continuously compares the CSA output current sense signal,
ISENx, (calculated by Equation 11 on page 31) to a negative
current limiting threshold (OC_NEG_TH = -48µA) in every cycle.
When ISENx falls below -48µA, the respective phase’s UGx is
turned off to stop the inductor current further ramping down. In
such a way, negative current cycle-by-cycle limiting is achieved.
The equivalent negative inductor current-limiting level can be
calculated by Equation 21:
Peak Overcurrent Fault (OC2_PEAK) Protection
If either of the two individual phase’s current sense signals ISENx
(calculated by Equation 11 on page 31) reaches 105µA
(OC2_TH = 105µA) for three consecutive switching cycles, the
Peak Overcurrent fault (OC2_PEAK) is triggered. The ISL78227
responds with fault protection actions to shut down the PWM
switching and enters either Hiccup or Latch-off mode depending
on HIC/LATCH pin configuration as described in “Selectable
Hiccup or Latch-Off Fault Response” on page 33 and Table 3 on
page 34.
This fault protection is intended to protect the device by
shutdown (Hiccup or Latch-off) from the worst case condition
where OC1 cannot limit the inductor peak current.
This fault detection is active at the beginning of soft-start (t5 as
shown in the Figure 58 on page 29).
Under the selection of Hiccup response for the OC2_PEAK fault,
when both phases’ peak current sense signals ISENx no longer
trip the OC2_PEAK thresholds (105µA), the device returns to
normal switching and regulation through Hiccup soft-start.
The equivalent inductor peak current threshold for the
OC2_PEAK fault protection can be calculated by Equation 22:
Constant Current Control (CC)
A dedicated constant average Current Control (CC) loop is
implemented in the ISL78227 to control the input current to be
constant at overload conditions, which means constant input
power control under certain constant input voltage.
As shown in Figure 3 on page 7, the VIMON represents the total
input average current and is sent to the error amplifier Gm2 input to
be compared with the internal CC reference VREF_CC (1.6V). Gm2
output is driving the COMP voltage through a diode, DCC. Thus, the
COMP voltage can be controlled by either Gm1 output or Gm2
output through DCC depending on load conditions.
At normal operation without overloading, VIMON is lower than the
VREF_CC (1.6V at default). Therefore, Gm2 output is HIGH and DCC is
reversely blocked and not forward conducting. In this case, the
COMP voltage is controlled by the voltage loop error amplifier Gm1’s
output to have the output voltage regulated.
At input average current overloading case, when VIMON reaches
VREF_CC (1.6V), Gm2 output falls, DCC is forward conducting, and
Gm2 output overrides Gm1 output to drive COMP. In this way, the CC
loop overrides the voltage loop, meaning VIMON is controlled to be
constant and input average constant current operation is achieved.
Under certain constant input voltage, input CC makes input power
constant for the boost converter. Compared to peak current limiting
schemes, the average constant current control is more accurate to
control the average current to be constant, which is beneficial for the
user to accurately control the maximum average power for the
converter to handle.
The CC current threshold should be set lower than the OC1 peak
current threshold with margin. Generally, the OC1 peak current
threshold (per phase) is set 1.5 to 2 times higher than the CC
current threshold (here referred to per phase average current).
VOUTUV 0.8 1.6
1
RFB2
RFB1
---------------
+
=
(EQ. 19)
(EQ. 20)
IOC1x 80 10
6
–
RSETx
RSENx
------------------- A
 
=
(EQ. 21)
IOCNEGx
48
–
10 6
–
RSETx
RSENx
------------------- A
 
=
(EQ. 22)
IOC2x 105 10
6
–
RSETx
RSENx
------------------- A
 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com