Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp FN8808 Datasheet HTML 36Page - Renesas Technology Corp FN8808 Datasheet HTML 37Page - Renesas Technology Corp FN8808 Datasheet HTML 38Page - Renesas Technology Corp FN8808 Datasheet HTML 39Page - Renesas Technology Corp FN8808 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 36 of 43
Feb 28, 2025
This matches with the physics of the power devices that normally
have higher transient peak current rating and lower average
current ratings. The OC1 provides protection against the transient
peak current. The CC controls the average current with slower
response, but with much more accurate control of the maximum
power the system has to handle at overloading conditions.
1. When fast changing overloading occurs, because VIMON has
a sensing delay of RIMON*CIMON, CC does not trip at the
initial transient load current until it reaches the CC reference
of 1.6V. OC1 is triggered at the beginning to limit the inductor
peak current cycle-by-cycle.
2. After the delay of RIMON*CIMON, when VIMON reaches the CC
reference of 1.6V, CC control starts to work and limit duty
cycles to reduce the inductor current and keep the sum of the
two phases’ inductor currents constant. The time constant of
the RIMON*CIMON is typically on the order of 10 times slower
than the voltage loop bandwidth so that the two loops do not
interfere with each other.
CC loop is active at the beginning of soft-start.
From Equations 13 and 14 on page 31, the constant current
control current threshold level for the total 2-phase boost input
current can be calculated by Equation 23.
Average Overcurrent Fault (OC_AVG) Protection
The ISL78227 monitors the IMON pin voltage (which represents
the boost total input average current signal) to detect if the
Average Overcurrent (OC_AVG) fault occurs. As shown in Figure 3
on page 7, the comparator CMP_OCAVG compares VIMON to 2V
threshold to detect this fault. This fault detection is active at the
beginning of soft-start (t5 as shown in Figure 58 on page 29).
When VIMON is higher than 2V, the OC_AVG fault is triggered. The
ISL78227 responds with fault protection actions to shut down
the PWM switching and enters either Hiccup or Latch-off mode,
depending on HIC/LATCH pin configuration as described in
“Selectable Hiccup or Latch-Off Fault Response” on page 33 and
Table 3 on page 34.
Under the selection of Hiccup response for the OC_AVG fault,
when the IMON voltage falls to lower than the 2V threshold, the
device returns to normal switching through Hiccup soft-start.
From Equations 13 and 14 on page 31, the OC_AVG fault’s
current threshold level for the total 2-phase boost input current
can be calculated using Equation 24.
Because the Constant Current Loop uses the same IMON signal
and has a lower threshold (1.6V) than the OC_AVG threshold (2V),
the OC_AVG can hardly be tripped. The CC loop limits the IMON
signal around 1.6V, which is below 2V. Generally, the OC_AVG
functions as a worst-case backup protection.
INTERNAL DIE OVER-TEMPERATURE PROTECTION
The ISL78227 is disabled if the junction temperature reaches
+160°C (typical). A +15°C hysteresis ensures that the device
restarts with soft-start when the junction temperature falls below
+145°C (typical).
Internal 5.2V LDO
The ISL78227 has an internal LDO with input at VIN and a fixed
5.2V/100mA output at PVCC. The internal LDO tolerates an input
supply range of VIN up to 55V (60V absolute maximum). A 10µF,
10V or higher X7R type of ceramic capacitor is recommended
between PVCC to GND. At low VIN operation when the internal
LDO is saturated, the dropout voltage from the VIN pin to the
PVCC pin is typically 0.3V under 80mA load at PVCC, as shown in
the “Electrical Specifications” table on page 9. This is one of the
constraints to estimate the required minimum VIN voltage.
The output of this LDO is mainly used as the bias supply for the
gate drivers. With VCC connected to PVCC as in the typical
application, PVCC also supplies other internal circuitry. To provide
a quiet power rail to the internal analog circuitry, it is
recommended to place an RC filter between PVCC and VCC. A
minimum of 1µF ceramic capacitor from VCC to ground should
be used for noise decoupling purpose. Because PVCC is providing
noisy drive current, a small resistor (10Ω or smaller) between the
PVCC and VCC helps to prevent the noises from interfering from
PVCC to VCC.
Figure 62 shows the internal LDO output voltage (PVCC)
regulation versus its output current. The PVCC drops to 4.5V
(typical) when the load is 195mA (typical) because of the LDO
current-limiting circuits. When the load current further increases,
the voltage drops further and finally enters current foldback
mode where the output current is clamped to 100mA (typical). At
the worst case when LDO output is shorted to ground, the LDO
output is clamped to 100mA.
Based on the junction to ambient thermal resistance, RJA, of the
package, the maximum junction temperature should be kept below
+125°C. However, the power losses at the LDO need to be
considered, especially when the gate drivers are driving external
MOSFETs with large gate charges. At high VIN, the LDO has
significant power dissipation that may raise the junction
temperature where the thermal shutdown occurs.
IINCC
1.6
RIMON
------------------- 17 10
6
–
–
 RSET
RSEN
---------------- 8 A
 
=
(EQ. 23)
IINOCAVG
2
RIMON
------------------- 17 10
6
–
–
 RSET
RSEN
---------------- 8 A
 
=
(EQ. 24)
FIGURE 62. INTERNAL LDO OUTPUT VOLTAGE vs LOAD
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.00
0.05
0.10
0.15
0.20
0.25
IOUT_PVCC (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com