Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp FN8808 Datasheet HTML 36Page - Renesas Technology Corp FN8808 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 33 of 43
Feb 28, 2025
AUTOMATIC PHASE DROPPING/ADDING
When the Phase Drop function is enabled, the ISL78227
automatically drops or adds Phase 2 by comparing the VIMON to
the phase dropping/adding thresholds. VIMON is proportional to
the average input current indicating the level of the load.
The phase dropping mode is not allowed with external
synchronization.
Phase Dropping
When load current drops and VIMON falls below 1.1V, Phase 2 is
disabled. For better transient response during phase dropping,
the ISL78227 gradually reduces the duty cycle of the phase from
steady state to zero, typically within 8 to 10 switching cycles. This
gradual dropping scheme helps smooth the change of the PWM
signal and stabilizes the system when phase dropping happens.
From Equations 13 and 14, the phase dropping current threshold
level for the total, 2-phase boost input current can be calculated
by Equation 16.
Phase Adding
Phase adding is decided by the two mechanisms listed below.
Phase 2 is added immediately if either of the two following
conditions are met.
1. VIMON >1.15V, the IMON pin voltage is higher than phase
adding threshold 1.15V. The phase adding current threshold
level for the total 2-phase boost input current can be
calculated by Equation 17.
2. ISENx >80µA (OC1), individual phase current triggers OC1.
The first is similar to the phase dropping scheme. When the load
increases causing VIMON >1.15V, Phase 2 is added back
immediately to support the increased load demand. Because the
IMON pin normally has large RC filter and VIMON is average
current signal, this mechanism has a slow response and is
intended for slow load transients.
The second mechanism is intended to handle the case when load
increases quickly. If the quick load increase triggers OC1
(ISENx >80µA) in either of the two phases, Phase 2 is added back
immediately.
After Phase 2 is added, the phase dropping function is disabled
for 1.5ms. After this 1.5ms expires, the phase dropping circuit is
activated again and Phase 2 can be dropped automatically as
usual.
DIODE EMULATION AT LIGHT-LOAD CONDITION
When the Diode Emulation mode (DE) is selected to be enabled
(Mode 1 and Mode 2 in Table 2), the ISL78227 has cycle-by-cycle
diode emulation operation at light load achieving Discontinuous
Conduction Mode (DCM) operation. With DE mode operation,
negative current is prevented and the conduction loss is reduced,
therefore, high efficiency can be achieved at light-load
conditions.
Diode emulation occurs during t5-t8 (on Figure 58 on page 29),
regardless of the DE/PHDRP operating modes (Table 2).
PULSE SKIPPING AT DEEP LIGHT-LOAD CONDITION
If the converter enters Diode Emulation mode and the load is still
reducing, eventually pulse skipping occurs to increase the deep
light-load efficiency. Either Phase 1, Phase 2, or both, pulse skips
at these deep light-load conditions.
Fault Protections/Indications and Current
Limiting
The ISL78227 is implemented with comprehensive fault
protections/indications and current limitings to design a highly
reliable boost converter. Most of the fault protections’ responses
can be selected to be either Hiccup or Latch-off by configuring
the HIC/LATCH pin, which offers the flexibility upon the specific
requirements for different applications.
SELECTABLE HICCUP OR LATCH-OFF FAULT RESPONSE
Table 3 on page 34 lists the fault protections that can have either
Hiccup or Latch-off fault response determined by HIC/LATCH pin
configurations.
• When the HIC/LATCH pin is pulled high (VCC), the fault response
is in Hiccup mode.
• When the HIC/LATCH pin is pulled low (GND), the fault response is
in Latch-off mode.
In Hiccup mode, the device stops switching when a fault
condition in Table 3 on page 34 is detected, and restarts from
soft-start after 500ms (typical). This operation is repeated until
fault conditions are completely removed.
In Latch-off mode, the device stops switching when a fault
condition in Table 3 on page 34 is detected and PWM switching
being kept off even after fault conditions are removed. In
Latch-off status, the internal LDO is alive to keep PVCC voltage
regulated. By either toggling the EN pin or cycling VCC/PVCC
below the POR threshold restarts the system.
TABLE 2. CCM/DE/PH_DROP MODE SETTING (DE/PHDRP PIN)
MODE NUMBER
(NAME)
DE/PHDRP PIN
SETTING
DE MODE
PHASE-DROP
MODE
1 (DE)
VCC
Enabled
Disabled
2 (DE+PH_DROP)
FLOAT
Enabled
Enabled
3 (CCM)
GND
Disabled
Disabled
(EQ. 16)
IINphDRP
1.1
RIMON
------------------- 17 10
6
–
–
 RSET
RSEN
---------------- 8
A
 
=
(EQ. 17)
IINphADD
1.15
RIMON
------------------- 17 10
6
–
–
 RSET
RSEN
---------------- 8
A
 
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com