Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 27 of 43
Feb 28, 2025
To understand the reduction of the ripple current amplitude in the
multiphase circuit, refer to Equation 4, which represents an
individual phase’s peak-to-peak inductor current.
In Equation 4, VIN and VOUT are the input and output voltages
respectively, L is the single-phase inductor value, and fSW is the
switching frequency.
The input capacitors conduct the ripple component of the
inductor current. In the case of a 2-phase boost converter, the
capacitor current is the sum of the ripple currents from each of
the individual phases. Use Equation 5 to calculate the
peak-to-peak ripple of the total input current which goes through
the input capacitors, where KP-P can be found in Figure 53 under
the specific duty cycle.
CURRENT SHARING BETWEEN PHASES
The peak current mode control inherently has current sharing
capability. As shown in Figure 3 on page 7, the current sense
ramp, VRAMPx, of each phase is compared to the same error
amplifier’s output at the COMP pin by the PWM comparators to
turn off LGx when VRAMPx reaches COMP. Thus, the VRAMPx
peaks are controlled to be the same for each phase. VRAMPx is
the sum of instantaneous inductor current sense ramp and the
compensating slope. Because the compensating slopes are the
same for both phases, the inductor peak current of each phase is
controlled to be the same.
The same mechanism applies if multiple ISL78227s are
configured in parallel for a multiphase boost converter. The
COMP pin of each ISL78227 is tied together for each phase’s
current sense ramp peak to be compared with the same COMP
voltage (VRAMPx = COMP), thus, the inductor peak currents of all
the phases are controlled to be the same. The “4-Phase
Operation” section describes how to configure two ISL78227s in
parallel for a 4-phase, interleaved boost converter.
4-PHASE OPERATION
Two ISL78227s can be used in parallel to achieve interleaved
4-phase operation. Figure 54 shows the recommended
configuration. The CLKOUT from the master IC drives FSYNC of
the slave IC to synchronize the switching frequencies. This
achieves a 90° phase shift for the four phases switching and the
respective COMP, FB, SS, EN, and IMON pins of the two ICs are
connected.
CLKOUT is 90°out-of-phase with the rising edge of LG1.
Therefore, the two phases of the second IC are interleaved with
the two phases of the first IC.
Oscillator and Synchronization
The switching frequency is determined by the selection of the
frequency-setting resistor, RFSYNC, connected from the FSYNC
pin to GND. Equation 6 is provided to assist in selecting the
correct resistor value, where fSW is the switching frequency of
each phase.
FIGURE 52. PHASE NODE AND INDUCTOR-CURRENT WAVEFORMS
FOR 2-PHASE CONVERTER
IL1
180°
t
IL2
IL1+ IL2
t
t
IPPCH
VOUT VIN
–
VIN
L fSW VOUT
-----------------------------------------------
=
(EQ. 4)
IPPALL KP-P IPPCH
=
(EQ. 5)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
DUTY CYCLE
FIGURE 53. KP-P vs DUTY CYCLE
FIGURE 54. CONFIGURATIONS FOR DUAL IC, 4-PHASE OPERATION
MASTER IC
ISL78227
SLAVE IC
ISL78227
CLKOUT
FSYNC
COMP
FB
SS
COMP
FB
SS
IMON
IMON
EN
EN
(EQ. 6)
RFSYNC 2.49x 10
10 0.505
fSW
--------------- 5.5X10 8
–
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com