Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 24 of 43
Feb 28, 2025
Operation Description
The ISL78227 is a 2-phase, synchronous boost controller with
integrated drivers. It supports wide input and output ranges of 5V
to 55V during normal operation and the VIN pin withstands
transients up to 60V.
The ISL78227 is integrated with 2A sourcing/3A sinking strong
drivers to support high efficiency and high current synchronous
boost applications. The drivers have a unique feature of adaptive
dead time control of which the dead time can be programmed
for different external MOSFETs, achieving both optimized
efficiency and reliable MOSFET driving. The ISL78227 has
selectable diode emulation and phase dropping functions for
enhanced light-load efficiency.
The PWM modulation method is a constant frequency, Peak
Current Mode Control (PCMC), which has benefits of input voltage
feed-forward, a simpler loop to compensate compared to voltage
mode control, and inherent current sharing capability.
The ISL78227 offers a track function with unique features of
accepting either digital or analog signals for the user to adjust
reference voltage externally. The digital signal track function
greatly reduces the complexity of the interface circuits between
the central control unit and the boost regulator. Equipped with
cycle-by-cycle positive and negative current limiting, the track
function can be reliably facilitated to achieve an envelope
tracking feature in audio amplifier applications, which can
significantly improve system efficiency.
In addition to the cycle-by-cycle current limiting, the ISL78227 is
implemented with a dedicated, average Constant Current (CC)
control loop for input current. For devices having only peak
current limiting, the average current under peak current limiting
varies significantly because the inductor ripple varies with
changes of VIN and VOUT and tolerances of fSW and inductors.
The ISL78227’s unique CC control feature accurately controls the
average input current accurately to be constant without
shutdown. Under certain constant input voltage, this means
constant power limiting, which is especially useful for the boost
converter. It helps the user optimize the system with the power
devices’ capability fully utilized by well-controlled constant input
power.
The following sections describe the details of the functions.
Synchronous Boost
To improve efficiency, the ISL78227 employs synchronous boost
architecture as shown in Figure 4 on page 8. The UGx output
drives the high-side synchronous MOSFET, which replaces the
freewheeling diode and reduces the power losses due to the
voltage drop of the freewheeling diode.
While the boost converter is operating in steady state Continuous
Conduction Mode (CCM), each phase’s low-side MOSFET is
controlled to turn on with duty cycle D and ideally, the upper
MOSFET is ON for (1-D). Equation 1 shows the input to output
voltage DC transfer function for boost is:
DRIVER CONFIGURATION
As shown in Figure 4 on page 8, the upper side UGx drivers are
biased by the CBOOTx voltage between BOOTx and PHx (where “x”
indicates the specific phase number and same note applied
throughout this document). CBOOTx is charged by a charge pump
mechanism. PVCC charges BOOTx through the Schottky diode
DBOOTx when LGx is high, pulling PHx low. BOOTx rises with PHx
and maintains the voltage to drive UGx as the DBOOTx is reverse
biased.
At start-up, charging to CBOOTx from 0 to ~4.5V causes PVCC to
dip slightly. So a typical 5.1Ω resistor RPVCCBT is recommended
between PVCC and DBOOTx to prevent PVCC from falling below
VPORL_PVCC. The typical value for CBOOTx is 0.47µF.
The BOOTx to PHx voltage is monitored by UVLO circuits. When
BOOTx to PHx falls below a 3V threshold, the UGx output is
disabled. When BOOTx to PHx rises back above this threshold
plus 150mV hysteresis, the high-side driver output is enabled.
For standard boost applications when upper side drivers are not
needed, both UG1 and UG2 can be disabled by connecting either
BOOT1 or BOOT2 to ground before part start-up initialization. PHx
should be connected to ground.
PROGRAMMABLE ADAPTIVE DEAD TIME CONTROL
The UGx and LGx drivers are designed to have an adaptive dead
time algorithm that optimizes operation with varying operating
conditions. In this algorithm, the device detects the off timing of
LGx (UGx) voltages before turning on UGx (LGx).
In addition to the adaptive dead time control, the dead time
between UGx ON and LGx ON can be programmed by the resistor
at the RDT pin while the adaptive dead time control is still
functioning at the same time. The typical range of programmable
dead time is 55ns to 200ns, or larger. This is intended for
different external MOSFETs applications to adjust the dead time,
maximizing the efficiency while at the same time preventing
shoot-through. Refer to Figure 50 on page 25 for the selection of
the RDT resistor and dead time, where tDT1 refers to the dead
time between UG Falling to LG Rising, and tDT2 refers to the dead
time between LG Falling to UG Rising. The dead time is smaller
with a lower value RDT resistor, and it is clamped to minimum
57ns when RDT is shorted to ground. Because a current as large
as 4mA is pulled from the RDT pin if the RDT pin is shorted to
ground, it is recommended to use 5kΩ as the smallest value for
the RDT resistor where the current drawing from the RDT pin is
0.5V/5kΩ = 100µA.
VOUT
VIN
1 D
–
-------------
=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com