Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 10Page - Renesas Technology Corp FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 14 of 43
Feb 28, 2025
OUTPUT OVERVOLTAGE DETECTION/PROTECTION MONITOR THE FB PIN, (Refer to “Output Overvoltage Fault Protection” on page 34 for details)
FB Overvoltage Rising Trip Threshold
VFBOV_RISE
Percentage of VREF_1.6V
(Selectable Hiccup/Latch-off response)
118
120
122
%
FB Overvoltage Falling Recovery Threshold
VFBOV_FALL
Percentage of VREF_1.6V
(Selectable Hiccup/Latch-off response)
114
116
118
%
Overvoltage Threshold Hysteresis
4
%
FB Overvoltage Trip Delay
1
µs
OUTPUT UNDERVOLTAGE DETECTION (MONITOR THE FB PIN), (Refer to “Output Undervoltage Indication” on page 34 for details)
Undervoltage Falling Trip Threshold
VFBUVREF_FALL Percentage of VREF_1.6V
78
80
82
%
Undervoltage Rising Recovery Threshold
VFBUVREF_RISE Percentage of VREF_1.6V
82.5
84.0
86.5
%
Undervoltage Threshold Hysteresis
4
%
POWER-GOOD MONITOR (PGOOD PIN)
PGOOD Leakage Current
PGOOD HIGH, VPGOOD = 5V
1
µA
PGOOD Low Voltage
PGOOD LOW, IPGOOD = 0.5mA
0.06
0.40
V
PGOOD Rising Delay (DE Mode)
The PGOOD rising delay from
VSSPIN = VSSPCLAMP (3.47V) and
VREF_TRK ≥ 0.3V to PGOOD HIGH when DE
mode is selected (DE/PHDRP = VCC or
FLOAT)
0.5
ms
PGOOD Rising Delay (CCM Mode)
The PGOOD rising delay from
VSSPIN = VSSPCLAMP (3.47V) and
VREF_TRK ≥ 0.3V to PGOOD HIGH when
CCM mode is selected (DE/PHDRP = GND)
100
ms
PGOOD Falling Blanking Time
10
µs
HIC/LATCH, ATRK/DTRK PIN DIGITAL LOGIC INPUT
Input Leakage Current
EN <1V
-1
1
µA
Input Pull Down Current
EN >2V, pin voltage = 2.1V
0.7
1.0
2.0
µA
Logic Input Low
0.8
V
Logic Input High
2.1
V
DE/PHDRP PIN DIGITAL LOGIC INPUT (HIGH/LOW/FLOAT)
Input Leakage Current
-1
1
µA
Float Impedance - Pin to VCC
Pin = GND
100
200
300
kΩ
Float Impedance - Pin to GND
Pin = VCC
100
200
300
kΩ
Output Voltage on DE/PHDRP Pin
Pin = Float
2.1
2.6
2.7
V
Tri-State Input Voltage MAX
3
V
Tri-State Input Voltage MIN
1.8
V
Logic Input Low
Pin voltage falling
0.7
V
Logic Input High
Pin voltage rising
VCC - 0.4
V
TRACK PIN - DIGITAL INPUT LOGIC
Input Leakage Current
EN <1V, pin voltage = 5V, VCC = 0V
-1
1
µA
Input Pull-Up Current
EN >2V, pin voltage = 0V, VCC = 5V
0.8
1.1
1.5
µA
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com