Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 7Page - Renesas Technology Corp FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp FN8808 Datasheet HTML 10Page - Renesas Technology Corp FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 11 of 43
Feb 28, 2025
Input Minimum Pulse Width - Rise-to-Fall
20
ns
Input Minimum Pulse Width - Fall-to-Rise
20
ns
Delay Time from Input Pulse Rising to LG1
Rising Edge Minus Dead Time tDT1
CLG = OPEN, RDT = 50kΩ
35
ns
Input Impedance
Input impedance before synchronization
mode
1
kΩ
Input impedance after synchronization
mode
200
MΩ
CLKOUT
CLKOUTH
ICLKOUT = 500µA
VCC - 0.5 VCC - 0.1
V
CLKOUTL
ICLKOUT = -500µA
0.1
0.4
V
Output Pulse Width
CCLKOUT = 100pF, tSW is each phase’s
switching period
1/12 * tSW
Phase Shift from LG1 Rising Edge to CLKOUT
Pulse Rising Edge
CLG1 = OPEN, CCLKOUT = OPEN,
fSW = 300kHz, tDT1 = 60ns (refer to
Figure 56 on page 28 for the timing
diagram)
87
°
SOFT-START
Soft-Start Current
ISS
4.5
5.0
5.5
µA
Minimum Soft-Start Pre-Bias Voltage
0
V
Maximum Soft-Start Pre-Bias Voltage
1.6
V
Soft-Start Pre-bias Voltage Accuracy
VFB = 500mV
-25
0
25
mV
Soft-Start Clamp Voltage
VSSCLAMP
3.25
3.47
3.70
V
HICCUP RETRY DELAY (Refer to “Selectable Hiccup or Latch-Off Fault Response” on page 33 for details)
Hiccup Retry Delay
If Hiccup fault response selected
500
ms
REFERENCE VOLTAGE FOR OUTPUT VOLTAGE REGULATION
System Reference Accuracy
Measured at the FB pin
1.576
1.600
1.620
V
FB Pin Input Bias Current
VFB = 1.6V, TRACK = Open
-0.05
0.01
0.05
µA
ERROR AMPLIFIER FOR OUTPUT VOLTAGE REGULATION (Gm1)
Transconductance Gain
2
mA/V
Output Impedance
7.5
MΩ
Unity Gain Bandwidth
CCOMP = 100pF from COMP pin to GND
3.3
MHz
Slew Rate
CCOMP = 100pF from COMP pin to GND
±3
V/µs
Output Current Capability
±300
µA
Maximum Output Voltage
3.5
3.7
V
Minimum Output Voltage
0.1
0.3
V
PWM CORE
SLOPE Pin Voltage
480
500
520
mV
SLOPE Accuracy
RSLOPE = 20k (0.1%)
-20
0
20
%
RSLOPE = 40.2k (0.1%)
-20
3
20
%
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com