Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp FN8808 Datasheet HTML 35Page - Renesas Technology Corp FN8808 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 32 of 43
Feb 28, 2025
The typical scenario when fast overloading is applied is described
as follows: When a large overload is suddenly applied at boost
output, the phase inductor peak currents are initially limited by
OC1 cycle-by-cycle, during which time the IMON voltage slowly
rises due to the filter delay of RIMON and CIMON. When VIMON
reaches 1.6V, the CC loop starts to limit and control the average
current to be constant, which lowers the inductor current (as
described previously, CC threshold normally is set lower than the
OC1 cycle-by-cycle limiting threshold). Typically, tens of nF are
used for CIMON. When a longer time delay is needed, larger
CIMON can be used. Refer to “Constant Current Control (CC)” on
page 35 for a more detailed description.
Adjustable Slope Compensation
For a boost converter with peak current mode control, slope
compensation is needed when the duty cycle is larger than 50%.
It is advised to add slope compensation when the duty cycle is
approximately 30% to 40% because a transient load step can
push the duty cycle higher than the steady state level. When
slope compensation is too low, the converter suffers from
subharmonic oscillation, which may result in noise emissions at
half the switching frequency. On the other hand,
overcompensation of the slope may reduce the phase margin.
Therefore, proper design of the slope compensation is needed.
The ISL78227 features adjustable slope compensation by setting
the resistor value, RSLOPE, from the SLOPE pin to ground. This
function eases the compensation design and provides more
flexibility in choosing the external components.
Figure 61 shows the block diagram related to slope compensation.
For current mode control, in theory, the compensation slope slew
rate mSL needs to be larger than 50% of the inductor current
down ramp slope slew rate mb.
Equation 15 shows the resistor value, RSLOPE, at the SLOPE pin
to create a compensation ramp:
where KSLOPE is the selected gain of compensation slope over
inductor down slope. For example, KSLOPE = 1 gives the RSLOPE
value generating a compensation slope equal to inductor current
down ramp slope. Theoretically, the KSLOPE needs to be larger
than 0.5, but practically more than 1.0 is used in the actual
application. To cover the operating range, the maximum of VOUT
and minimum of VIN should be used in Equation 15 to calculate
the RSLOPE.
Light-Load Efficiency Enhancement
For switching mode power supplies, the total loss is related to
conduction loss and switching loss. The conduction loss
dominates at heavy load, while the switching loss dominates at
light-load condition. Therefore, if a multiphase converter is
running at a fixed phase number for the entire load range, the
efficiency starts to drop significantly below a certain load current.
The ISL78227 has selectable automatic phase dropping,
cycle-by-cycle diode emulation and pulse skipping features to
enhance the light-load efficiency. By observing the total input
current on-the-fly and dropping an active phase, the system can
achieve optimized efficiency over the entire load range.
The Phase Dropping (PH_DROP) and Diode Emulation (DE)
functions can be selected to be active or inactive by setting the
DE/PHDRP pin. Refer to Table 2 on page 33 for the three
configuration modes.
1. When DE/PHDRP = VCC, Diode Emulation function is enabled
and Phase Drop function is disabled.
2. When DE/PHDRP = FLOAT, both Diode Emulation and Phase
Drop functions are enabled.
3. When DE/PHDRP = GND, both Diode Emulation and Phase
Drop functions are disabled. The part is set in Continuous
Conduction Mode (CCM).
RSLOPE
6.67 105
Lx RSETx
KSLOPE VOUT VIN
–
R
SENx
---------------------------------------------------------------------------------------- 
 
=
(EQ. 15)
FIGURE 61. SLOPE COMPENSATION BLOCK DIAGRAM
RSLOPE
SLOPE
VRAMP
RRAMP
ISL
CSL
VSL
ISLOPE = k2*0.5V/RSLOPE
LGx
VRAMP = (ISENx+ISL)*RRAMP
ISL
VRAMP
ISL0
ISENx
mb
mSL
ma
ma1 = ma + mSL
0.5V
VOUT
L
IL
RSENx
RBIASx
RSETx
+
-
ISENxP
ISENxN
CSA
VIN
k1*ISENx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com