Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 19 of 43
Feb 28, 2025
FIGURE 23. ANALOG TRACKING 100Hz SINUSOIDAL SIGNAL, CCM
MODE (DE/PHDRP = GND), ATRK/DTRAK = VCC,
IOUT = 1A
FIGURE 24. ANALOG TRACKING 300Hz SINUSOIDAL SIGNAL AT THE
TRACK PIN, CCM MODE (DE/PHDRP = GND),
ATRK/DTRAK = VCC, IOUT = 1A
FIGURE 25. STEADY-STATE OPERATION OF INPUT CONSTANT
CURRENT MODE, IIN CONTROLLED AT 43A CONSTANT,
VOUT = 19.5V
FIGURE 26. DIGITAL TRACKING (TRACKING SIGNAL,
FREQUENCY = 400kHz, D_TRACK = 0.5), VOUT = 28.3V
FIGURE 27. LOAD CURRENT KEEP INCREASING FROM NO LOAD TO
OVERLOAD (25A), VOUT STARTS TO DROP WHEN INPUT
CONSTANT CURRENT MODE STARTS TO WORK, INPUT
CURRENT IS FINALLY CONTROLLED TO BE CONSTANT
FIGURE 28. DIGITAL TRACKING (TRACKING SIGNAL,
FREQUENCY = 400kHz, D_TRACK = 0.3), VOUT = 17V
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
FB 300mV/DIV
TRACK 300mV/DIV
VOUT 6.8V/DIV
PH1 20.0V/DIV
2ms/DIV
FB 300mV/DIV
TRACK 300mV/DIV
VOUT 6.8V/DIV
PH1 20.0V/DIV
2ms/DIV
VOUT 30.0V/DIV
I_IN 16A/DIV
IMON 500mV/DIV
PH1 30.0V/DIV
50µs/DIV
VOUT 7.0V/DIV
TRACK 4.0V/DIV
PH2 40.0V/DIV
PH1 40.0V/DIV
1µs/DIV
VOUT 30.0V/DIV
I_IN 16A/DIV
IMON 500mV/DIV
PH1 30.0V/DIV
1s/DIV
VOUT 7.0V/DIV
TRACK 4.0V/DIV
PH2 40.0V/DIV
PH1 40.0V/DIV
1µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com