Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 22 of 43
Feb 28, 2025
FIGURE 41. VIN OV RISING THRESHOLD vs TEMPERATURE
FIGURE 42. PVCC/VCC POR RISING THRESHOLD vs TEMPERATURE
FIGURE 43. OC1 VOLTAGE THRESHOLD (ACROSS RSEN) vs
TEMPERATURE
FIGURE 44. PVCC/VCC POR FALLING THRESHOLD vs TEMPERATURE
FIGURE 45. ANALOG TRACKING REFERENCE SYSTEM ACCURACY vs
TEMPERATURE, MEASURED AT THE FB PIN,
VTRACK = 0.5V
FIGURE 46. ANALOG TRACKING REFERENCE SYSTEM ACCURACY vs
TEMPERATURE, MEASURED AT THE FB PIN,
VTRACK = 1.5V
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
55
56
57
58
59
60
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
4.2
4.3
4.4
4.5
4.6
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
VPOR H_VCC (V)
VPORH_PVCC (V)
30
35
40
45
50
55
60
-50-25
0
25
50
75100
125
150
TEMPERATURE (°C)
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)
VPORL_VCC (V)
VPORL_PVCC (V)
0.5
0.7
0.9
1.1
1.3
1.5
-50-25
0
25
50
75100
125
150
TEMPERATURE (°C)
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com