Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 25 of 43
Feb 28, 2025
PWM Control
The ISL78227 uses fixed frequency peak current mode control
architecture. As shown in Figure 3 on page 7 and the typical
schematic diagram (Figure 4 on page 8), error amplifier (Gm1)
compares the FB pin voltage and reference voltage and
generates a voltage loop error signal at the COMP pin. This error
signal is compared with the current ramp signal (VRAMP) by the
PWM comparator. The PWM comparator output combined with
fixed frequency clock signal controls the SR flip-flop to generate
the PWM signals (refer to “Peak Current Mode Control” on
page 26).
OUTPUT VOLTAGE REGULATION LOOP
The resistor divider RFB2 and RFB1 from VOUT to FB (Figure 4 on
page 8) can be selected to set the desired VOUT. VOUT can be
calculated by Equation 2.
where in normal operation after soft-start, VREF can be either
VREF_1.6V or VREF_TRK, whichever is lower.
Gm1 has three inputs for reference voltage: soft-start ramp SS,
VREF_TRK, and VREF_1.6V. The Gm1 uses the lowest value
among SS, VREF_TRK, and VREF_1.6V. SS, VREF_TRK, and
VREF_1.6V are valid for Gm1 during and after soft-start. In
general operation, VREF_TRK is normally HIGH before soft-start
and SS normally ramps up from a voltage lower than VREF_TRK
and VREF_1.6V, in which case SS controls the output voltage
ramp-up during soft-start. After soft-start is complete, the user
can adjust VREF_TRK for the desired voltage. Because VREF_TRK
is valid before soft-start, setting VREF_TRK lower than SS can
make the SS ramp ineffective because Gm1 uses the lower
VREF_TRK voltage. In such a case, the VREF_TRK becomes the
real soft-start ramp that controls the output voltage ramp-up.
Digital/Analog Track Function
The TRACK input provides an external reference voltage to be
applied for the output voltage loop to follow, which is useful if the
user wants to change the output voltage as required. An example
is to employ envelope tracking technology in audio power
amplifier applications. The ISL78227 boost stage output is
powering the audio power amplifier stage input, where the boost
output tracks the music envelope signal applied at the TRACK
pin. Ultimately, higher system efficiency can be achieved.
The TRACK pin can accept either a digital signal or an analog
signal by configuring the ATRK/DTRK pin to be connected to
ground or VCC. Figure 51 on page 26 shows the track function
block diagram. VREF_TRK is fed into Gm1 as one of the
reference voltages. The Gm1 takes the lowest voltage of SS,
VREF_TRK, and VREF_1.6V as the actual reference. When
VREF_TRK is the lowest voltage, it becomes the actual reference
voltage for Gm1 and the output voltage can be adjusted with
TRACK signal changes. Regarding the effective VREF_TRK range:
• There is no limit for the minimum voltage on the TRACK pin,
but note the lower reference voltage and the lower voltage
feedback regulation accuracy. Note the SS_DONE signal is
checking VREF_TRK ≥0.3V as one of the conditions (refer to
Figure 58 on page 29 and the t8-t9 description on page 29).
Also, for the boost converter, the regulated output minimum
voltage is usually the input voltage minus the upper MOSFET’s
body diode drop, in which case, the corresponding voltage at
FB voltage is the minimum effective voltage for the VREF_TRK.
• The Gm1 takes the lowest voltage of SS, VREF_TRK, and
VREF_1.6V as the actual reference. The maximum effective
range for VREF_TRK is determined by VREF_1.6V or SS signal,
whichever is lower. For example, after soft-start, when the SS
pin equals to 3.47V (typical), the maximum effective voltage
for VREF_TRK is 1.6V (VREF_1.6V).
When ATRK/DTRK = GND (DTRK mode), the TRACK pin accepts
digital signal inputs. VREF_TRK (as one of the references input
for the error amplifier Gm1) equals to the average duty cycle
value of the PWM signal’s at the TRACK pin. As shown in
Figure 51 on page 26, the MUX is controlled by the ATRK/DTRK
pin configurations. When ATRK/DTRK = GND, the MUX connects
the output of the Q1 and Q2 switch bridge to the input of a
2-stage RC filter (R1, C1, R2, and C2). The PWM signal at the
TRACK pin controls Q1 and Q2 to chop the 2.5V internal
reference voltage. The phase node of Q1 and Q2 is a PWM signal
with accurate 2.5V amplitude and duty cycle D, where D is the
input PWM duty cycle on the TRACK input pin. The RC filter
smooths out the PWM AC components and the voltage
VREF_TRK after the RC filter becomes a DC voltage equal to
2.5V*D:
According to Equation 3, the PWM signals’ amplitude at the TRACK
pin does not affect the VREF_TRK accuracy and only the duty cycle
value changes the VREF_TRK value. In general, the VREF_TRK
reference accuracy is as good as the 2.5V reference. The built-in low
pass filter (R1, C1, R2, and C2) converts the PWM signal’s duty
cycle value to a low noise reference. The low pass filter has a
cutoff frequency of 1.75kHz and a gain of -40dB at 400kHz. The
FIGURE 50. DEAD TIME vs RDT, tDT1 REFERS TO UG FALLING TO LG
RISING, tDT2 REFERS TO LG FALLING TO UG RISING
0
50
100
150
200
250
300
5
10152025303540455055606570
RD T (k
)
tDT2
tDT1
VOUT VREF 1
RFB2
RFB1
---------------
+
=
(EQ. 2)
VREFTRK 2.5 D
=
(EQ. 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com