Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 14Page - Renesas Technology Corp FN8808 Datasheet HTML 15Page - Renesas Technology Corp FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 18 of 43
Feb 28, 2025
FIGURE 17. DE MODE (DE/PHDRP = VCC), DIODE EMULATION
OPERATION, PULSE SKIPPING, IOUT = 0A
FIGURE 18. DE MODE (DE/PHDRP = VCC), DIODE EMULATION
OPERATION, IOUT = 29mA
FIGURE 19. DE MODE (DE/PHDRP = VCC), PH1 AND PH2 DIODE
EMULATION OPERATION, PULSE SKIPPING, IOUT = 7mA
FIGURE 20. DE+PH_DROP MODE (DE/PHDRP = FLOAT), PH1 DIODE
EMULATION WITH PH2 DROPPED, IOUT = 29mA
FIGURE 21. DE+PHDRP MODE (DE/PHDRP = FLOAT), PH1 DIODE
EMULATION WITH PH2 DROPPED, IOUT = 7mA
FIGURE 22. DE+PHDRP MODE (DE/PHDRP = FLOAT), PH2 ADDED
AND DROPPED, UNDER TRANSIENT STEP LOAD OF 1A
TO 8A
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
VOUT 1.0V/DIV WITH 36V OFFSET
PGOOD 4.0V/DIV
PH1 20.0V/DIV
5µs/DIV
PH2 20.0V/DIV
PH2 30.0V/DIV
PH1 30.0V/DIV
2µs/DIV
VOUT 10.0V/DIV
PH2 30.0V/DIV
PH1 30.0V/DIV
10µs/DIV
VOUT 10.0V/DIV
PH1 30.0V/DIV
PH2 30.0V/DIV
2µs/DIV
VOUT 10.0V/DIV
PH1 30.0V/DIV
PH2 30.0V/DIV
10µs/DIV
VOUT 10.0V/DIV
PH2 30.0V/DIV
PH1 30.0V/DIV
10ms/DIV
IMON 300mV/DIV
I_LOAD 5.0A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com