Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 5Page - Renesas Technology Corp FN8808 Datasheet HTML 6Page - Renesas Technology Corp FN8808 Datasheet HTML 7Page - Renesas Technology Corp FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp FN8808 Datasheet HTML 10Page - Renesas Technology Corp FN8808 Datasheet HTML 11Page - Renesas Technology Corp FN8808 Datasheet HTML 12Page - Renesas Technology Corp FN8808 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 9 of 43
Feb 28, 2025
Absolute Maximum Ratings
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +60V
PH1, PH2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10V(<20ns Pulse Width, 25µJ)
BOOT1, BOOT2, UG1, UG2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +65V
Upper Driver Supply Voltage, VBOOTx - VPHx . . . . . . . . . . . . - 0.3V to +6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.9V (<10ns)
PVCC, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +6.5V
ISEN1P, ISEN1N, ISEN2P, ISEN2N . . . . . . . . . . . . . . . . . . . . . - 0.3V to +60V
VISENxP - VISENxN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to VCC + 0.3V
ESD Rating
Human Body Model (Tested per AEC-Q100-002) . . . . . . . . . . . . . . . . 2kV
Charged Device Model (Tested per AEC-Q100-011) . . . . . . . . . . . . 750V
Latch-Up Rating (Tested per AEC-Q100-004) . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance
JA (°C/W) JC (°C/W)
32 Ld 5x5 WFQFN Package (Notes 4, 5). .
30
1.2
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to +55V
PVCC, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.75V to 5.5V
PH1, PH2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to +55V
Upper Driver Supply Voltage, VBOOTx - VPHx . . . . . . . . . . . . . . . . 3.5V to 6V
ISEN1P to ISEN1N and ISEN2P to ISEN2N Differential Voltage. . . . ±0.3V
ISEN1P, ISEN1N, ISEN2P, ISEN2N Common-Mode Voltage . . . . 4V to 55V
Operational Junction Temperature Range (Automotive). . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with direct attach features. See TB379.
5. For JC, the case temperature location is the center of the exposed metal pad on the package underside.
Electrical Specifications Refer to Figure 3 on page 7 and Typical Application Schematics (page 8). Operating conditions unless
otherwise noted: VIN = 12V, VPVCC = 5.2V and VVCC = 5.2V, TA = -40°C to +125°C (Note 7). Typical values are at TA = +25°C. Boldface limits apply across
the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNIT
SUPPLY INPUT
Input Voltage Range
VIN
Switching, under the condition of internal
LDO having dropout (VIN - PVCC) less than
0.25V
5
55
V
Input Supply Current to the VIN Pin
(IC Enabled)
IQ_SW
EN = 5V, VIN =12V, PVCC = VCC, BOOT1 and
BOOT2 supplied by PVCC, RFSYNC = 40.2k
(fSW = 300kHz), LGx = OPEN, UGx = OPEN
8.0
10.0
mA
IQ_NON-SW
EN = 5V, VIN =12V, PVCC = VCC, BOOT1 and
BOOT2 supplied by PVCC, non-switching,
LGx = OPEN, UGx = OPEN
6.0
8.5
mA
Input Supply Current to the VIN Pin
(IC Shutdown)
I_SD_VIN_55V EN = GND, VIN = 55V
0.2
1.0
µA
Input Bias Current (IC Shutdown) to Each of
ISEN1P/ISEN1N/ISEN2P/ISEN2N Pins
I_SD_ISENxP/N EN = GND, VIN = 55V
ISEN1P (or
ISEN1N/ISEN2P/ISEN2N) = 55V
-1
0
1
µA
INPUT OVERVOLTAGE PROTECTION
VIN OVP Rising Threshold (Switching Disable)
EN = 5V, VIN rising
56.5
58.0
59.5
V
VIN OVP Trip Delay
EN = 5V, VIN rising
5
µs
INTERNAL LINEAR REGULATOR
LDO Voltage (PVCC Pin)
VPVCC
VIN = 6V to 55V, CPVCC = 4.7µF,
IPVCC = 10mA
5.0
5.2
5.4
V
LDO Saturation Dropout Voltage (PVCC Pin)
VDROPOUT
VIN = 4.9V, CPVCC = 4.7µF, I_PVCC = 80mA
0.3
V
LDO Current Limit (PVCC Pin)
IOC_LDO
VIN = 6V, VPVCC = 4.5V
130
195
250
mA
LDO Output Short Current Limit (PVCC Pin)
IOCFB_LDO
VIN = 6V, VPVCC = 0V
50
100
160
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com