Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 24Page - Renesas Technology Corp FN8808 Datasheet HTML 25Page - Renesas Technology Corp FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 28 of 43
Feb 28, 2025
Figure 55 shows the relationship between RFSYNC and switching
frequency.
The ISL78227 contains a Phase Lock Loop (PLL) circuit.
Referring to Figure 4 on page 8, the PLL is compensated with a
series resistor-capacitor (RPLL and CPLL1) from the PLLCOMP pin
to GND and a capacitor (CPLL2) from PLLCOMP to GND. At the
300kHz switching frequency, typical values are RPLL = 3.24kΩ,
CPLL1 = 6.8nF, and CPLL2 = 1nF. The PLL locking time is around
0.7ms. Generally, the same PLL compensating network can be
used in the frequency range of 50kHz to 1.1MHz. With the same
PLL compensation network, at a frequency range higher than
500kHz, the PLL is overcompensated. However, the PLL is stable
just with slow frequency response. If a faster frequency response
is required at a higher operating frequency, the PLL
compensation network can be tuned to have a faster response.
An Excel spreadsheet to calculate the PLL compensation is
provided on the ISL78227 product page.
The ISL78227’s switching frequency can be synchronized to the
external clock signals applied at the FSYNC pin. The ISL78227
detects the input clock’s rising edge and synchronizes the rising
edge of LG1 to the input clock’s rising edge with a dead time
delay of tDT1. The switching frequency of each phase equals the
fundamental frequency of the clock input at FSYNC. Because the
ISL78227 detects only the edge of the input clock instead of its
pulse width, the input clock’s pulse width can be as low as 20ns
(as minimum), tens of ns, or hundreds of ns, depending on the
capability of the specific system to generate the external clock.
The CLKOUT pin outputs a clock signal with the same frequency
of the per-phase switching frequency. Its amplitude is VCC and
the pulse width is 1/12 of the per-phase switching period
(tSW/12). Figure 56 shows the application example to put two
ISL78227s in parallel for 4-phase, interleaved operation, with the
master IC’s CLKOUT being connected to the FSYNC pin of the
slave IC. The master IC outputs CLKOUT signal with a delay of
tSW/4 - tDT1 after LG1_master. The slave IC FSYNC pin takes the
CLKOUT_master as the input and the slave’s IC LG1 is delayed by
a time of 35ns + tDT1. Therefore, the LG1_slave is delayed by
tSW/4+35ns to LG1_master, which is approximately a 90° phase
shift. With 90°phase shift between LG1 and respective LG2 for
each IC, an interleaved 4-phases with 90° phase shift boost is
achieved.
After the ISL78227 latches to being synchronized with the
external clock, if the external clock on the FSYNC pin is removed,
the switching frequency oscillator shuts down. The part then
detects PLL_LOCK fault (refer to Table 3 on page 34), and goes to
either Hiccup mode or Latch-off mode, depending on the
HIC/LATCHOFF pin configuration. If the part is set in Hiccup
mode, it restarts with frequency set by the resistor at the FSYNC
pin.
The switching frequency range of the ISL78227 set by RFSYNC or
by synchronization is typically 50kHz to 1.1MHz.
The low end 50kHz is determined by a PLL_LOCK fault
protection, which shuts down the IC when frequency is lower than
37kHz typical.
The phase dropping mode is not allowed with external
synchronization.
MINIMUM ON-TIME (BLANK TIME) CONSIDERATION
The minimum ON-time (also called BLANK time) of LGx is the
minimum ON pulse width as long as LGx is turned ON. It is also
intended for the internal circuits to blank out the noise spikes
after LGx turns on. The tMINON can be programmed by a resistor
at the RBLANK pin.
The selection of the tMINON depends on two considerations.
1. The noise spike durations after LGx turns on, which is
normally in a range of tens of ns to 100ns or longer,
depending on the external MOSFET switching characteristic
and noise coupling path to current sensing.
2. Ensure the charging of the boot capacitor during operations of
LGx operating at tMINON. One typical case is an operation
when the input voltage is close to the output voltage. The duty
cycle is smallest at tMINON, and CBOOTx is charged by PVCC
via DBOOTx with short duration of tMINON minus the delay to
pull phase low. If such operation is required, especially when
a large MOSFET with large Qg is used to support heavy load
application, larger tMINON can be programmed with the
resistor at the RBLANK pin to ensure CBOOTx can be
sufficiently charged during minimum duty cycle operation.
0
50
100
150
200
250
300
0
100 200
300
400
500
600 700
800
900 100 0 110 0
f SW (kHz)
FIGURE 55. fSW vs RFS
FIGURE 56. TIMING DIAGRAM OF CLKOUT vs LG1 AND FSYNC vs LG1
(CLKOUT_MASTER CONNECTED TO FSYNC_SLAVE)
LG1_IC_Master
CLKOUT_IC_Master
FSYNC_IC_Slave
LG1_IC_Slave
tSW/4 - tDT1
t1 t2 t3
35ns + tDT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com