Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 26Page - Renesas Technology Corp FN8808 Datasheet HTML 27Page - Renesas Technology Corp FN8808 Datasheet HTML 28Page - Renesas Technology Corp FN8808 Datasheet HTML 29Page - Renesas Technology Corp FN8808 Datasheet HTML 30Page - Renesas Technology Corp FN8808 Datasheet HTML 31Page - Renesas Technology Corp FN8808 Datasheet HTML 32Page - Renesas Technology Corp FN8808 Datasheet HTML 33Page - Renesas Technology Corp FN8808 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 30 of 43
Feb 28, 2025
occurs when starting up to a high pre-biased output voltage.
This feature makes the system robust for all the challenging
start-up conditions and greatly improves the system
reliability.
Enable
To enable the device, the EN pin needs to be driven higher than
1.2V (typical) by the external enable signal or resistor divider
between VIN and GND. The EN pin has an internal, 5MΩ (typical),
pull-down resistor. This pin also has an internal 5.2V (typical)
clamp circuit with a 5kΩ (typical) resistor in series to prevent
excess voltage applied to the internal circuits. When applying the
EN signal using resistor divider from VIN, internal pull-down
resistance needs to be considered. Also, the resistor divider ratio
needs to be adjusted as its EN pin input voltage may not exceed
5.2V.
To disable or reset all fault status, the EN pin needs to be driven
lower than 1.1V (typical). When the EN pin is driven low, the
ISL78227 turns off all of the blocks to minimize the off-state
quiescent current.
Soft-Start
Soft-start is implemented by an internal 5µA current source
charging the soft-start capacitor (CSS) at SS to ground. The
voltage on the SS pin slowly ramps up as the reference voltage
for the FB voltage to follow during soft-start.
Typically, for boost converter before soft-start, its output voltage
is charged up to be approximately a diode drop below the input
voltage through the upper side MOSFETs’ body diodes. To more
accurately correlate the soft-start ramp time to the output
voltage ramp time, the ISL78227 SS pin voltage is pre-biased
with voltage equal to FB voltage before soft-start begins. The
soft-start ramp time for the boost output voltage ramping from
VIN to the final regulated voltage VOUTreg, can be calculated by
Equation 7, where VREF is 1.6V (VREF_1.6V) with the TRACK pin
tied HIGH:
PGOOD Signal
The PGOOD pin is an open-drain logic output to indicate that the
soft-start period is completed, the input voltage is within safe
operating range, and the output voltage is within the specified
range. The PGOOD comparator monitors the FB pin to check if
the output voltage is within 80% to 120% of the reference
voltage VREF_1.6V.
As described at the t8 - t9 duration in “Operation Initialization
and Soft-Start” on page 29, the PGOOD pin is pulled low during
soft-start and it is released high after SS_DONE with a 0.5ms or
100ms delay.
PGOOD is pulled low if any of the comparators for FB_UV, FB_OV
or VIN_OV, is triggered for a duration longer than 10µs.
In normal operation after start-up, under fault recovery, PGOOD
is released high with the same 0.5ms delay time after the fault is
removed.
Current Sense
The ISL78227 peak current control architecture senses the
inductor current continuously for fast response. A sense resistor
is placed in series with the power inductor for each phase. The
ISL78227 Current Sense Amplifiers (CSA) continuously sense the
respective inductor current as shown in Figure 60 on page 31 by
sensing the voltage signal across the sense resistor, RSENx
(where “x” indicates the specific phase number and same note
applied throughout this document). The sensed current for each
active phase is used for peak current mode control loop, phase
current balance, individual phase cycle-by-cycle peak current
limiting (OC1), individual phase overcurrent fault protection
(OC2_PEAK), input average Constant Current (CC) control and
average overcurrent protection (OC_AVG), diode emulation, and
phase drop control. The internal circuitry shown in Figure 60
represents a single phase. This circuitry is repeated for each
phase.
FIGURE 59. ENABLE BLOCK
EN
FROM
EXTERNAL
EN CONTROL
VCC
5M
5.2V
CLAMP
-
+
1.2V
TO INTERNAL
CIRCUITS
5k
VIN
(EQ. 7)
tSS VREF 1
VIN
VOUTreg
------------------------
–
 CSS
5A
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com