Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 16Page - Renesas Technology Corp FN8808 Datasheet HTML 17Page - Renesas Technology Corp FN8808 Datasheet HTML 18Page - Renesas Technology Corp FN8808 Datasheet HTML 19Page - Renesas Technology Corp FN8808 Datasheet HTML 20Page - Renesas Technology Corp FN8808 Datasheet HTML 21Page - Renesas Technology Corp FN8808 Datasheet HTML 22Page - Renesas Technology Corp FN8808 Datasheet HTML 23Page - Renesas Technology Corp FN8808 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 20 of 43
Feb 28, 2025
FIGURE 29. DIGITAL TRACKING, (TRACKING SIGNAL,
FREQUENCY = 200kHz, D_TRACK = 0.5), VOUT = 28.3V
FIGURE 30. DE MODE (DE/PHDRP = VCC), TRANSIENT RESPONSE,
IOUT = 0.03A TO 8A STEP LOAD
FIGURE 31. CCM MODE (DE/PHDRP = GND), TRANSIENT RESPONSE,
IOUT = 0A TO 8A STEP LOAD
FIGURE 32. DE+PH_DROP MODE (DE/PHDRP = FLOAT), TRANSIENT
RESPONSE, IOUT = 1A TO 8A STEP LOAD
FIGURE 33. SHUTDOWN CURRENT AT THE VIN PIN I_SD vs
TEMPERATURE, VIN = 55V
FIGURE 34. IC OPERATIONAL QUIESCENT CURRENT vs
TEMPERATURE, IC SWITCHING, NO LOAD ON LGX AND
UGX
Performance Curves Unlessotherwisespecified,operating conditionsfortheoscilloscopewaveformsareV
IN = 12V,
VOUT = 36V, and TA = +25°C. (Continued)
VOUT 1.0V/DIV WITH 28V OFFSET
TRACK 4.0V/DIV
PH2 40.0V/DIV
PH1 40.0V/DIV
10µs/DIV
PH2 30.0V/DIV
I_LOAD 5.0A/DIV
VOUT 2.0V/DIV WITH 36V OFFSET
PH1 30.0V/DIV
10ms/DIV
PH2 30.0V/DIV
I_LOAD 5.0A/DIV
VOUT 1.0V/DIV WITH 36V OFFSET
PH1 30.0V/DIV
1ms/DIV
PH2 30.0V/DIV
I_LOAD 5.0A/DIV
VOUT 1.0V/DIV WITH 36V OFFSET
PH1 30.0V/DIV
5ms/DIV
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
255075
100
125
150
TEMPERATURE (°C)
0
1
2
3
4
5
6
7
8
9
10
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com