Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button FN8808 Datasheet HTML 36Page - Renesas Technology Corp FN8808 Datasheet HTML 37Page - Renesas Technology Corp FN8808 Datasheet HTML 38Page - Renesas Technology Corp FN8808 Datasheet HTML 39Page - Renesas Technology Corp FN8808 Datasheet HTML 40Page - Renesas Technology Corp FN8808 Datasheet HTML 41Page - Renesas Technology Corp FN8808 Datasheet HTML 42Page - Renesas Technology Corp FN8808 Datasheet HTML 43Page - Renesas Technology Corp FN8808 Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 40 of 43
Feb 28, 2025
COMPENSATOR DESIGN
Generally, a simple Type-2 compensator can be used to stabilize
the system. In the actual application, however, an extra phase
margin is provided by a Type-3 compensator.
The transfer function at the error amplifier and its compensation
network can be expressed as Equation 36.
If ROEA>>RCP, CCP1>>CCP2, and ROEA = infinite, the equation
can be simplified as shown in Equation 37:
where:
If Type-3 compensation is needed, the transfer function at the
feedback resistor network is:
where:
The total transfer function with compensation network and gain
stage is expressed as:
Use f = ω/2π to convert the pole and zero expressions to
frequency domain, and from Equations 33, 38, and 39, select
the compensator’s pole and zero locations.
In general, as described earlier, a Type-2 compensation is
enough. Typically, the crossover frequency is set 1/5 to 1/3 of
the ωRHZ frequency. As a general rule, set the compensator
ωp2/2π at the very low end frequency; set ωz2/2π at 1/5 of the
crossover frequency, and set ωp3/2π at the ESR zero or the RHZ
frequency ωRHZ/2π, whichever is lower.
VCC Input Filter
To provide a quiet power rail to the internal analog circuitry, it is
recommended to place an RC filter between PVCC and VCC. A
10Ω resistor between PVCC and VCC and at least 1µF ceramic
capacitor from VCC to GND are recommended.
Current Sense Circuit
To set the current sense resistor, the voltage across the current
sense resistor should be limited to within ±0.3V. In a typical
application, it is recommended to set the voltage across the
current sense resistor in range around 30mV to 100mV for the
typical load current condition.
Configuration to Support Single Phase
Boost
The IC can be configured to support single phase operation either
using Phase 1 or Phase 2. The configurations needed to use
Phase 1 for single phase operation are listed below (to use
Phase 2 for single phase operation, change the corresponding
phase number to the other phase number):
• BOOT2 connects to PVCC
• PH2 connects to GND
• Remove or short RSEN2.
• ISEN2P and ISEN2N connect to VIN through the same RSET
and RBIAS resistor respectively as Phase 1
• Leave UG2 and LG2 open
The extra notes are listed below with upper single phase
configurations:
• If BOOT2 pin connects to GND, both UG2 and UG1 are disabled.
• IMON pin output current signal has only Phase 1’s inductor
current sensed signal. Equation 12, which calculates the IMON
output current, is expressed as Equation 40, for ISEN2P and
ISEN2N connecting to VIN.
• If ISEN2P and ISEN2N connect to GND, the offset current
17×10-6 in Equation 40 becomes to 8.5×10-6.
The Constant Current Loop works on the same principle.
FIGURE 66. TYPE-3 COMPENSATOR
-
+
Gm
VREF
VOUT
RCP
CCP2
FB
Vc
RFB2
RFB1
R1
C1
CCP1
ROEA
He2(s)
He1(s)
COMP
VOUT
He2 s
 
VC
VFB
-----------
gm ZCOMP =
=
=
(EQ. 36)
gm
1 sRCPCCP1
+
ROEA
1 s RCPCCP1 ROEA CCP1 CCP2
+
+
CCP2CCP1RCPROEAS
2
+
+
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
He2 s
 
gm
1 s RCP CCP1
+
s CCP1 1 s RCP CCP2
+
----------------------------------------------------------------------------------
1
s
-------
1
s
z2
----------
+
1
s
p2
----------
+
--------------------
=
=
(EQ. 37)
1
gm
CCP1
---------------
=
z2
1
RCP CCP1
--------------------------------
=
p2
1
RCP CCP2
--------------------------------
=
He1 s
 
RFB1
RFB1 RFB2
+
------------------------------------
1
s
z1
----------
+
1
s
p1
----------
+
--------------------
=
(EQ. 38)
z1
1
C1 RFB2 R1
+
---------------------------------------------
=
p1
1
C1
RFB2 RFB1
RFB2 R1
RFB1 R1
+
+
RFB2 RFB1
+
-----------------------------------------------------------------------------------------------------
-----------------------------------------------------------------------------------------------------------------
=
Gopen s
 
Gvcvo s
 
He1 s
 
He2 s
 
=
(EQ. 39)
IMON
IL1 R
SEN1
RSET1
-------------------------------- 0.125
17 10
6
–
+
=
(EQ. 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com