Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8808 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FN8808
Description  2-Phase Boost Controller with Integrated Drivers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8808 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FN8808 Datasheet HTML 1Page - Renesas Technology Corp FN8808 Datasheet HTML 2Page - Renesas Technology Corp FN8808 Datasheet HTML 3Page - Renesas Technology Corp FN8808 Datasheet HTML 4Page - Renesas Technology Corp FN8808 Datasheet HTML 5Page - Renesas Technology Corp FN8808 Datasheet HTML 6Page - Renesas Technology Corp FN8808 Datasheet HTML 7Page - Renesas Technology Corp FN8808 Datasheet HTML 8Page - Renesas Technology Corp FN8808 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ISL78227
FN8808 Rev.6.02
Page 5 of 43
Feb 28, 2025
BOOT2
16
Provides bias voltage to the Phase 2 high-side MOSFET driver. A bootstrap circuit creates a voltage suitable to drive the external
N-channel MOSFET. A 0.47µF ceramic capacitor in series with a 1.5Ω resistor is recommended between the BOOT2 and PH2 pins.
In the typical configuration, PVCC provides the bias to BOOT2 through a fast switching diode.
In applications in which a high-side driver is not needed (for example, standard boost applications), BOOT2 is recommended
to be connected to ground. The ISL78227 IC can detect BOOT2 being grounded during start-up and both the Phase 1 and
Phase 2 high-side drivers are disabled. In addition, PH1 and PH2 should also be tied to ground.
UG2
17
Phase 2 high-side gate driver output. Disable this output by tying either BOOT1 and PH1 to ground or BOOT2 and PH2 to
ground.
PH2
18
Represents the return path for the Phase 2 high-side gate drive. Connect this pin to the source of the Phase 2 high-side
MOSFETs and the drain of the low-side MOSFETs.
LG2
19
Phase 2 low-side gate driver output. It should be connected to the Phase 2 low-side MOSFETs’ gates.
PGND
20
Provides the return path for the low-side MOSFET drivers. This pin carries a noisy driving current, so traces connecting from
this pin to the low-side MOSFET source and PVCC decoupling capacitor ground pad should be as short as possible. All
sensitive analog signal traces should not share common traces with this driver return path. Connect this pin to the ground
copper plane (wiring away from the IC instead of connecting through the IC bottom PAD) through several vias as close as
possible to the IC.
PVCC
21
Output of the internal linear regulator that provides bias for the low-side driver, high-side driver (PVCC connected to BOOTx through
diodes), and VCC bias (PVCC and VCC are typically connected through a small resistor like 10Ω or smaller, which helps to filter out
the noises from PVCC to VCC). The PVCC operating range is 4.75V to 5.5V. A minimum 10µF decoupling ceramic capacitor should
be used between PVCC and PGND. Refer to “Internal 5.2V LDO” on page 36 for more details.
LG1
22
Phase 1 low-side gate driver output. It should be connected to the Phase 1 low-side MOSFETs’ gates.
PH1
23
Represents the return path for the Phase 1 high-side gate drive. Connect this pin to the source of the Phase 1 high-side
MOSFETs and the drain of the low-side MOSFETs.
UG1
24
Phase 1 high-side MOSFET gate drive output. Disable this output by tying either BOOT1 and PH1 to ground or BOOT2 and PH2
to ground.
BOOT1
25
Provides bias voltage to the Phase 1 high-side MOSFET driver. A bootstrap circuit creates a voltage suitable to drive the external
N-channel MOSFET. A 0.47µF ceramic capacitor in series with a 1.5Ω resistor are recommended between BOOT1 and PH1 pins. In
a typical configuration, PVCC provides the bias to BOOT1 through a fast switching diode.
In applications in which a high-side driver is not needed (for example, standard boost applications), BOOT1 is recommended
to be connected to ground. The ISL78227 IC can detect BOOT1 being grounded during start-up and both the Phase 1 and
Phase 2 high-side drivers are disabled. In addition, PH1 and PH2 should also be tied to ground.
VIN
26
Connect the supply rail to this pin. Typically, connect the boost input voltage to this pin. The VIN pin can also be supplied by a
separate input source independent from the boost power stage input source. This pin is connected to the input of the internal linear
regulator, generating the power necessary to operate the chip. The DC voltage applied to VIN should not exceed 55V during normal
operation. VIN can withstand transients up to 60V, but in this case, the device's overvoltage protection stops it from switching to
protect itself. Refer to “Input Overvoltage Fault Protection” on page 34 for more details.
ISEN1N
27
The ISEN1N pin is the negative potential input to the Phase 1 current sense amplifier. This amplifier continuously senses the
Phase 1 inductor current through a power current sense resistor in series with the inductor. The sensed current signal is used
for current mode control, peak current limiting, average current limiting, and diode emulation.
ISEN1P
28
Positive potential input to the Phase 1 current sense amplifier.
ISEN2N
29
Negative potential input to the Phase 2 current sense amplifier. This amplifier continuously senses the Phase 2 inductor
current through a power current sense resistor in series with the inductor. The sensed current signal is used for current mode
control, peak current limiting, average current limiting, and diode emulation.
ISEN2P
30
Positive phase input to the Phase 2 current sense amplifier.
ATRK/DTRK
31
Logic input pin to select the input signal format options for the TRACK pin. Pull this pin HIGH for the TRACK pin to accept
analog input signals. Pull this pin LOW for the TRACK pin to accept digital input signals. Refer to “Digital/Analog Track
Function” on page 25 for more details.
RDT
32
A resistor connected from this pin to ground programs the dead times between UGx OFF to LGx ON and LGx OFF to UGx ON
to prevent shoot-through. Refer to “Driver Configuration” on page 24 for the selection of RDT.
SGND
-
Signal ground bottom pad to which to refer the internal sensitive analog circuits. Also serves as thermal pad. Connect this
pad to a large ground plane. Put as many vias as possible in this pad connecting to the ground copper plane to help reduce the
IC’s JA. In layout power flow planning, avoid noisy, high frequency pulse current flow through the SGND area.
Functional Pin Description(Continued)
PIN NAME
PIN #
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com